Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 37 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 37 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 33Page - Microchip Technology EMC2113_13 Datasheet HTML 34Page - Microchip Technology EMC2113_13 Datasheet HTML 35Page - Microchip Technology EMC2113_13 Datasheet HTML 36Page - Microchip Technology EMC2113_13 Datasheet HTML 37Page - Microchip Technology EMC2113_13 Datasheet HTML 38Page - Microchip Technology EMC2113_13 Datasheet HTML 39Page - Microchip Technology EMC2113_13 Datasheet HTML 40Page - Microchip Technology EMC2113_13 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 37
Chapter 7 Fan Control Register Set
7.1
Register Map
The following registers are accessible through the SMBus Interface. All register bits marked as ‘-’ will
always read ‘0’. A write to these bits will have no effect.
Table 7.1 EMC2113 Register Set
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE
Temperature Registers
00h
R
Internal Temp
Reading High
Byte
Stores the integer data of the Internal
Diode
00h
No
Page 44
01h
R
Internal Temp
Reading Low Byte
Stores the fractional data of the
Internal Diode
00h
No
Page 44
02h
R
External Diode 1
Temp Reading
High Byte
Stores the integer data of External
Diode 1
00h
No
Page 44
03h
R
External Diode 1
Temp Reading
Low Byte
Stores the fractional data of External
Diode 1
00h
No
Page 44
04h
R
External Diode 2
Temp Reading
High Byte
Stores the integer data of External
Diode 2
00h
No
Page 44
05h
R
External Diode 2
Temp Reading
Low Byte
Stores the fractional data of External
Diode 2
00h
No
Page 44
06h
R
External Diode 3
Temp Reading
High Byte
Stores the integer data of External
Diode 3
00h
No
Page 44
07h
R
External Diode 3
Temp Reading
Low Byte
Stores the fractional data of External
Diode 3
00h
No
Page 44
0Ah
R
Critical/Thermal
Shutdown
Temperature
Stores the calculated Critical/Thermal
Shutdown temperature high limit
derived from TRIP_SET pin voltage
N/A
No
Page 45
0Ch
R/W
Pushed
Temperature 1
Stores the integer data for Pushed
Temperature 1 to drive the LUT
00h
No
Page 45
0Dh
R/W
Pushed
Temperature 2
Stores the integer data for Pushed
Temperature 2 to drive the LUT
00h
No
Page 45
0Fh
R
PWM Input Duty
Cycle
Stores the calculated duty cycle on
the PWM pin
00h
No
Page 46
10h
R
TRIP_SET
Voltage
Stores the measured voltage on the
TRIP_SET pin
FFh
No
Page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com