Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 61 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 61 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 57Page - Microchip Technology EMC2113_13 Datasheet HTML 58Page - Microchip Technology EMC2113_13 Datasheet HTML 59Page - Microchip Technology EMC2113_13 Datasheet HTML 60Page - Microchip Technology EMC2113_13 Datasheet HTML 61Page - Microchip Technology EMC2113_13 Datasheet HTML 62Page - Microchip Technology EMC2113_13 Datasheet HTML 63Page - Microchip Technology EMC2113_13 Datasheet HTML 64Page - Microchip Technology EMC2113_13 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 61
Bit 5 - GLITCH_EN - Disables the low pass glitch filter that removes high frequency noise injected on
the TACH pin.
‘0’ - The glitch filter is disabled.
‘1’ (default) - The glitch filter is enabled.
Bits 4 - 3 - DER_OPT[1:0] - Control some of the advanced options that affect the derivative portion of
the RPM-based Fan Speed Control Algorithm as shown in Table 7.37, "Derivative Options".
Bit 2 - 1 - ERR_RNG[1:0] - Control some of the advanced options that affect the error window. When
the measured fan speed is within the programmed error window around the target speed, then the fan
drive setting is not updated. The algorithm will continue to monitor the fan speed and calculate
necessary drive setting changes based on the error; however, these changes are ignored.
The Fan Configuration 2 Register is Software Locked.
Table 7.37 Derivative Options
DER_OPT[1:0]
OPERATION
10
0
0
No derivative terms used
01
Basic derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive setting (in addition to
proportional and integral terms - default)
10
Step derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive setting and is not
capped by the maximum Fan Step Register
setting.
11
Both the basic derivative and the step derivative
are used effectively causing the derivative term to
have double the effect of the derivative term.
Table 7.38 Error Range Options
ERR_RNG[1:0]
OPERATION
10
0
0
0 RPM (default)
0
1
50 RPM
1
0
100 RPM
1
1
200 RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com