Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 52 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 52 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 48Page - Microchip Technology EMC2113_13 Datasheet HTML 49Page - Microchip Technology EMC2113_13 Datasheet HTML 50Page - Microchip Technology EMC2113_13 Datasheet HTML 51Page - Microchip Technology EMC2113_13 Datasheet HTML 52Page - Microchip Technology EMC2113_13 Datasheet HTML 53Page - Microchip Technology EMC2113_13 Datasheet HTML 54Page - Microchip Technology EMC2113_13 Datasheet HTML 55Page - Microchip Technology EMC2113_13 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 52
 2013 Microchip Technology Inc.
Bit 5 - DIS_TO - Disables the SMBus timeout function.
‘0’ (default) - The SMBus timeout function is enabled.
‘1’ - The SMBus timeout function is disabled allowing the device to be fully I2C compliant.
Bit 4 - DIS_AVG - Disables digital averaging of the External Diode channels.
‘0’ (default) - The External Diode channels have digital averaging enabled. The temperature data
is the average of the previous four measurements.
‘1’ - The External Diode channels have digital averaging disabled. The temperature data is the last
measured data.
Bits 3-2 - QUEUE[1:0] - Determines the number of consecutive out of limit conditions that are
necessary to trigger an interrupt. Each measurement channel has a separate fault queue associated
with the high limit, low limit, and diode fault condition.
APPLICATION NOTE: If the fault queue for any channel is currently active (i.e. an out of limit condition has been
detected and caused the fault queue to increment) then changing the settings will not take
effect until the fault queue is zeroed. This occurs by the ALERT pin asserting or the out of
limit condition being removed.
Bit 1 - 0 - CONV[1:0] - determines the conversion rate of the temperature monitoring. This conversion
rate does not affect the fan driver. The supply current from VDD_3V is nominally dependent upon the
conversion rate and the average current will increase as the conversion rate increases.
The Configuration 2 Register is software locked.
Table 7.18 Fault Queue
QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT OF LIMIT CONDITIONS
10
0
0
1 (disabled)
01
2
10
3
1
1
4 (default)
Table 7.19 Conversion Rate
CONV[1:0]
CONVERSION RATE
10
0
0
1 / sec
0
1
2 / sec
1
0
4 / sec (default)
1
1
Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com