Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 53 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 53 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 49Page - Microchip Technology EMC2113_13 Datasheet HTML 50Page - Microchip Technology EMC2113_13 Datasheet HTML 51Page - Microchip Technology EMC2113_13 Datasheet HTML 52Page - Microchip Technology EMC2113_13 Datasheet HTML 53Page - Microchip Technology EMC2113_13 Datasheet HTML 54Page - Microchip Technology EMC2113_13 Datasheet HTML 55Page - Microchip Technology EMC2113_13 Datasheet HTML 56Page - Microchip Technology EMC2113_13 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 53
7.13
Interrupt Status Register
The Interrupt Status Register reports the operating condition of the EMC2113. If any of the bits are set
to a logic ‘1’ (other than TCRIT) then the ALERT pin will be asserted low if the corresponding channel
is enabled. Reading from the status register clears the PWM bit. The other bits are cleared
automatically when the corresponding register is read. If there are no set status bits, then the ALERT
pin will be released.
The bits that cause the ALERT pin to be asserted can be masked based on the channel they are
associated with unless stated otherwise.
Bit 7 - PWM - This bit indicates that the PWM input duty cycle (on the PWM pin) meets or exceeds
the high limit. This bit is cleared when the register is read.
Bit 5 - TCRIT - This bit is set to ‘1’ if any bit in the Tcrit Status Register is set. This bit is automatically
cleared when the Tcrit Status Register is read and the bits are cleared.
Bit 3 - FAN - This bit is set to ‘1’ if any bit in the Fan Status Register is set. This bit is automatically
cleared when the Fan Status Register is read and the bits are cleared.
Bit 2 - HIGH - This bit is set to ‘1’ if any bit in the High Status Register is set. This bit is automatically
cleared when the High Status Register is read and the bits are cleared.
Bit 1- LOW - This bit is set to ‘1’ if any bit in the Low Status Register is set. This bit is automatically
cleared when the Low Status Register is read and the bits are cleared.
Bit 0 - FAULT - This bit is set to ‘1’ if any bit in the Diode Fault Register is set. This bit is automatically
cleared when the Diode Fault Register is read and the bits are cleared.
7.14
Error Status Registers
The Error Status Registers report the specific error condition for all measurement channels with limits.
If any bit is set in the High, Low, or Diode Fault Status register, the corresponding High, Low, or Fault
bit is set in the Interrupt Status Register.
Table 7.20 Interrupt Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
23h
R
Interrupt
Status
Register
PWM
-
TCRIT
-
FAN
HIGH
LOW
FAULT
00h
Table 7.21 Error Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R-C
Tcrit Status
HWS
-
-
-
EXT3_
TCRIT
EXT2_
TCRIT
EXT1_
TCRIT
INT_
TCRIT
00h
24h
R-C
High Status
-
-
-
-
EXT3_
HI
EXT2_
HI
EXT1_
HI
INT_HI
00h
25h
R-C
Low Status
-
-
-
-
EXT3_
LO
EXT2_
LO
EXT1_
LO
INT_LO
00h
26h
R-C
Diode Fault
-
-
-
-
EXT3_
FLT
EXT2_
FLT
EXT1_
FLT
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com