Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 51 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 51 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 47Page - Microchip Technology EMC2113_13 Datasheet HTML 48Page - Microchip Technology EMC2113_13 Datasheet HTML 49Page - Microchip Technology EMC2113_13 Datasheet HTML 50Page - Microchip Technology EMC2113_13 Datasheet HTML 51Page - Microchip Technology EMC2113_13 Datasheet HTML 52Page - Microchip Technology EMC2113_13 Datasheet HTML 53Page - Microchip Technology EMC2113_13 Datasheet HTML 54Page - Microchip Technology EMC2113_13 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 51
‘1’ - the External Diode 3 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The SYS_SHDN pin will be
released when the temperature drops below the high limit. The ALERT pin will be asserted
normally.
Bit 2 - SYS2 - Enables the high temperature limit for the External Diode 2 channel to trigger the
Critical/Thermal Shutdown circuitry (see Section 6.1).
‘0’ (default) - the External Diode 2 channel high limit will not be linked to the SYS_SHDN pin. If the
temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
‘1’ - the External Diode 2 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The ALERT pin will be
asserted normally.
Bit 1 - SYS1 - Enables the high temperature limit for the External Diode 1 channel to trigger the
Critical/Thermal Shutdown circuitry (see Section 6.1).
‘0’ (default) - The External Diode 1 channel high limit will not be linked to the SYS_SHDN pin. If
the temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
‘1’ - The External Diode 1 channel high limit will be linked to the SYS_SHDN pin. If the temperature
meets or exceeds the limit then the SYS_SHDN pin will be asserted. The ALERT pin will be
asserted normally.
Bit 0 - APD - This bit enables the Anti-parallel diode functionality on the External Diode 3 pins (DP3
and DN3).
‘0’ (default) - The Anti-parallel diode functionality is disabled. The External Diode 2 channel can be
configured for any type of diode
‘1’ - The Anti-parallel diode functionality is enabled. Both the External Diode 2 and 3 channels are
configured to support a diode or diode connected transistor (such as a 2N3904).
APPLICATION NOTE: When the APD diode is enabled, there will be a delay of a full temperature update before
any comparisons and functionality associated with the External Diode 3 channel will be
implemented. This includes the SYS3 bit operation, limit comparisons, and look up table
comparisons.
The Configuration Register is software locked.
7.12
Configuration 2 Register
The Configuration 2 Register controls conversion rate of the temperature monitoring as well as the
fault queue.
Bit 6 - DIS_DYN - Disables the Dynamic Averaging Feature.
‘0’ (default) - The Dynamic Averaging function is enabled. The conversion time for all temperature
channels is scaled based on the chosen conversion rate to maximize accuracy and immunity to
random temperature measurement variation.
‘1’ - The Dynamic Averaging function is disabled. The conversion time for all temperature channels
is fixed regardless of the chosen conversion rate.
Table 7.17 Configuration 2 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
21h
R/W
Config 2
-
DIS_
DYN
DIS_
TO
DIS_
AVG
QUEUE[1:0]
CONV[1:0]
0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com