Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 63 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 63 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 59Page - Microchip Technology EMC2113_13 Datasheet HTML 60Page - Microchip Technology EMC2113_13 Datasheet HTML 61Page - Microchip Technology EMC2113_13 Datasheet HTML 62Page - Microchip Technology EMC2113_13 Datasheet HTML 63Page - Microchip Technology EMC2113_13 Datasheet HTML 64Page - Microchip Technology EMC2113_13 Datasheet HTML 65Page - Microchip Technology EMC2113_13 Datasheet HTML 66Page - Microchip Technology EMC2113_13 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 63
Bit 5 - NOKICK - Determines if the Spin Up Routine will drive the fan to 100% duty cycle for 1/4 of the
programmed spin up time before driving it at the programmed level.
‘0’ (default) - The Spin Up Routine will drive the PWM to 100% for 1/4 of the programmed spin up
time before reverting to the programmed spin level.
‘1’ - The Spin Up Routine will not drive the PWM to 100%. It will set the drive at the programmed
spin level for the entire duration of the programmed spin up time.
Bits 4 - 2 - SPIN_LVL[2:0] - Determines the final drive level that is used by the Spin Up Routine as
shown in Table 7.43, "Spin Level".
Bit 1 -0 - SPINUP_TIME[1:0] - determines the maximum Spin Time that the Spin Up Routine will run
for (see Section 6.8, "Spin Up Routine"). If a valid tachometer measurement is not detected before the
Spin Time has elapsed, then an interrupt will be generated. When the RPM-based Fan Speed Control
Algorithm is active, the fan driver will attempt to re-start the fan immediately after the end of the last
spin up attempt.
The Spin Time is set as shown in Table 7.44.
10
32 - the Drive Fail detection circuitry will count for 32
update periods
11
64 - the Drive Fail detection circuitry will count for 64
update periods
Table 7.43 Spin Level
SPIN_LVL[2:0]
SPIN UP DRIVE LEVEL
21
0
0
0
0
30%
0
0
1
35%
0
1
0
40%
0
1
1
45%
1
0
0
50%
1
0
1
55%
1
1
0
60% (default)
1
1
1
65%
Table 7.42 DRIVE_FAIL_CNT[1:0] Bit Decode (continued)
DRIVE_FAIL_CNT[1:0]
NUMBER OF UPDATE PERIODS
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com