Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 62 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 62 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 58Page - Microchip Technology EMC2113_13 Datasheet HTML 59Page - Microchip Technology EMC2113_13 Datasheet HTML 60Page - Microchip Technology EMC2113_13 Datasheet HTML 61Page - Microchip Technology EMC2113_13 Datasheet HTML 62Page - Microchip Technology EMC2113_13 Datasheet HTML 63Page - Microchip Technology EMC2113_13 Datasheet HTML 64Page - Microchip Technology EMC2113_13 Datasheet HTML 65Page - Microchip Technology EMC2113_13 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 62
 2013 Microchip Technology Inc.
7.26
Gain Register
The Gain Register stores the gain terms used by the proportional and integral portions of the RPM-
based Fan Speed Control Algorithm. These terms will affect the FSC closed loop acquisition,
overshoot, and settling as would be expected in a classic PID system.
7.27
Fan Spin Up Configuration Register
The Fan Spin Up Configuration Register controls the settings of Spin Up Routine.
Bit 7 - 6 - DRIVE_FAIL_CNT[1:0] - Determines how many update cycles are used for the Drive Fail
detection function as shown in Table 7.42, "DRIVE_FAIL_CNT[1:0] Bit Decode". This circuitry
determines whether the fan can be driven to the desired tach target.
Table 7.39 Gain Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
45h
R/W
Gain Register
-
-
GAIND[1:0]
GAINI[1:0]
GAINP[1:0]
2Ah
Table 7.40 Gain Decode
GAIND OR GAINP OR GAINI [1:0]
RESPECTIVE GAIN FACTOR
10
00
1x
01
2x
1
0
4x (default)
11
8x
Table 7.41 Fan Spin Up Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
46h
R/W
Fan Spin Up
Configuration
DRIVE_FAIL_
CNT [1:0]
NOK
ICK
SPIN_LVL[2:0]
SPINUP_TIME
[1:0]
19h
Table 7.42 DRIVE_FAIL_CNT[1:0] Bit Decode
DRIVE_FAIL_CNT[1:0]
NUMBER OF UPDATE PERIODS
10
00
Disabled - the Drive Fail detection circuitry is
disabled (default)
01
16 - the Drive Fail detection circuitry will count for 16
update periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com