Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC2113 Datasheet(PDF) 43 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 43 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 39Page - Microchip Technology EMC2113_13 Datasheet HTML 40Page - Microchip Technology EMC2113_13 Datasheet HTML 41Page - Microchip Technology EMC2113_13 Datasheet HTML 42Page - Microchip Technology EMC2113_13 Datasheet HTML 43Page - Microchip Technology EMC2113_13 Datasheet HTML 44Page - Microchip Technology EMC2113_13 Datasheet HTML 45Page - Microchip Technology EMC2113_13 Datasheet HTML 46Page - Microchip Technology EMC2113_13 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 43
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
7.1.1
Lock Entries
The Lock Column describes the locking mechanism, if any, used for individual registers. All SWL
registers are Software Locked and therefore made read-only when the LOCK bit is set.
76h
R/W
LUT Temp 2
Setting 8
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 68
77h
R/W
LUT Temp 3
Setting 8
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 68
78h
R/W
LUT Temp 4
Setting 8
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 68
79h
R/W
LUT Temp 1
Hysteresis
Stores the hysteresis that is used in
the LUT for the Temp 1 Settings
0Ah
(10°C)
LUT
Lock
Page 68
7Ah
R/W
LUT Temp 2
Hysteresis
Stores the hysteresis that is used in
the LUT for the Temp 2 Settings
0Ah
(10°C)
LUT
Lock
Page 68
7Bh
R/W
LUT Temp 3
Hysteresis
Stores the hysteresis that is used in
the LUT for the Temp 3 Settings
0Ah
(10°C)
LUT
Lock
Page 68
7Ch
R/W
LUT Temp 4
Hysteresis
Stores the hysteresis that is used in
the LUT for the Temp 4 Settings
0Ah
(10°C)
LUT
Lock
Page 68
7Dh
R/W
LUT Configuration
Stores and controls the configuration
for the LUT
00h
No
Page 67
Lock Register
EFh
R/W
Software Lock
Locks all SWL registers
00h
SWL
Page 70
Revision Registers
FCh
R
Product Features
Indicates which pin selected options
are enabled
00h
No
Page 70
FDh
R
Product ID
Stores the unique Product ID
2Eh
No
Page 71
FEh
R
Manufacturer ID
Manufacturer ID
5Dh
No
Page 72
FFh
R
Revision
Revision
81h
No
Page 72
Table 7.1 EMC2113 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com