Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 103Page - STMicroelectronics STM8S903K3 Datasheet HTML 104Page - STMicroelectronics STM8S903K3 Datasheet HTML 105Page - STMicroelectronics STM8S903K3 Datasheet HTML 106Page - STMicroelectronics STM8S903K3 Datasheet HTML 107Page - STMicroelectronics STM8S903K3 Datasheet HTML 108Page - STMicroelectronics STM8S903K3 Datasheet HTML 109Page - STMicroelectronics STM8S903K3 Datasheet HTML 110Page - STMicroelectronics STM8S903K3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 121 page
background image
DocID15590 Rev 10
107/121
STM8S903K3 STM8S903F3
Ordering information
115
13
Ordering information
Figure 62. STM8S903K3/F3 access line ordering information scheme(1)
1. A dedicated ordering information scheme will be released if, in the future, memory programming service
(FastROM) is required The letter “P” will be added after STM8S. Three unique letters identifying the
customer application code will also be visible in the codification. Example: STM8SP903K3MACTR.
2. UFQFPN, TSSOP, and SO packages.
3. LQFP package.
STM8
S
903
K
3
T
6
C
TR
Product class
STM8 microcontroller
Program memory size
3 = 8 Kbytes
Package type
B = SDIP
T = LQFP
U = VFQFPN
P = TSSOP
M = SO
Example:
Sub-family type
903 = 903 sub-family
Family type
S = Standard
Temperature range
3 = -40 to 125 °C
6 = -40 to 85 °C
Packing
No character = Tray or tube
TR = Tape and reel
Pin count
K = 32 pins
F= 20 pins
Package pitch
Blank = 0.5 to 0.65 mm(2)
C = 0.8 mm(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com