Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 104Page - STMicroelectronics STM8S903K3 Datasheet HTML 105Page - STMicroelectronics STM8S903K3 Datasheet HTML 106Page - STMicroelectronics STM8S903K3 Datasheet HTML 107Page - STMicroelectronics STM8S903K3 Datasheet HTML 108Page - STMicroelectronics STM8S903K3 Datasheet HTML 109Page - STMicroelectronics STM8S903K3 Datasheet HTML 110Page - STMicroelectronics STM8S903K3 Datasheet HTML 111Page - STMicroelectronics STM8S903K3 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 121 page
background image
Ordering information
STM8S903K3 STM8S903F3
108/121
DocID15590 Rev 10
For a list of available options (for example memory size, package) and orderable part
numbers or for further information on any aspect of this device, please go to www.st.com or
contact the ST Sales Office nearest to you.
13.1
STM8S903K3/F3 FASTROM microcontroller option list
(last update: April 2010)
The preferable format for programing code is .Hex (.s19 is accepted)
If data EEPROM programing is required, a separate file must be sent with the requested
data.
Note:
See the option byte section in the datasheet for authorized option byte combinations and a
detailed explanation. Do not use more than one remapping option in the same port. It is
forbidden to enable both AFR1 and AFR0.
Device type/memory size/package (check only one option)
Conditioning (check only one option)
[ ] Tape and reel or [ ] Tray
Special marking (check only one option)
[ ] No [ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only. Maximum character
counts are:
LQFP32: 2 lines of 7 characters max: "_ _ _ _ _ _ _" and "_ _ _ _ _ _ _"
TSSOP20: 1 line of 10 characters max: "_ _ _ _ _ _ _ _ _ _"
SO20: 1 line of 13 characters max: "_ _ _ _ _ _ _ _ _ _"
UFQFPN32: 1 line of 7 characters max: "_ _ _ _ _ _ _"
UFQFPN20: 1 line of 4 characters max: "_ _ _ _"
Customer
...............................................................................
Address
...............................................................................
Contact
...............................................................................
Phone number
...............................................................................
FASTROM code reference(1)
1. The FASTROM code name is assigned by STMicroelectronics.
...............................................................................
FASTROM device
8 Kbyte
TSSOP20
[ ] STM8S903F3
SO20W
[ ] STM8S903F3
UFQFPN20
[ ] STM8S903F3
LQFP32
[ ] STM8S903K3
UFQFPN32
[ ] STM8S903K3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com