Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 105Page - STMicroelectronics STM8S903K3 Datasheet HTML 106Page - STMicroelectronics STM8S903K3 Datasheet HTML 107Page - STMicroelectronics STM8S903K3 Datasheet HTML 108Page - STMicroelectronics STM8S903K3 Datasheet HTML 109Page - STMicroelectronics STM8S903K3 Datasheet HTML 110Page - STMicroelectronics STM8S903K3 Datasheet HTML 111Page - STMicroelectronics STM8S903K3 Datasheet HTML 112Page - STMicroelectronics STM8S903K3 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 121 page
background image
DocID15590 Rev 10
109/121
STM8S903K3 STM8S903F3
Ordering information
115
Three characters are reserved for code identification.
Temperature range
[ ] -40°C to +85°C or [ ] -40°C to +125°C
Padding value for unused program memory (check only one option)
OTP0 memory readout protection (check only one option)
[ ] Disable or [ ] Enable
OTP1 user boot code area (UBC)
0x(_ _) fill in the hexadecimal value, referring to the datasheet and the binary format below:
Note:
If the UBC area is not used, please select all bits at reset states.
[ ] 0xFF
Fixed value
[ ] 0x83
TRAP instruction code
[ ] 0x75
Illegal opcode (causes a reset when executed)
UBC, bit0
[ ] 0: Reset
[ ] 1: Set
UBC, bit1
[ ] 0: Reset
[ ] 1: Set
UBC, bit2
[ ] 0: Reset
[ ] 1: Set
UBC, bit3
[ ] 0: Reset
[ ] 1: Set
UBC, bit4
[ ] 0: Reset
[ ] 1: Set
UBC, bit5
[ ] 0: Reset
[ ] 1: Set
UBC, bit6
[ ] 0: Reset
[ ] 1: Set
UBC, bit7
[ ] 0: Reset
[ ] 1: Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com