Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 113Page - STMicroelectronics L9779WD-SPI Datasheet HTML 114Page - STMicroelectronics L9779WD-SPI Datasheet HTML 115Page - STMicroelectronics L9779WD-SPI Datasheet HTML 116Page - STMicroelectronics L9779WD-SPI Datasheet HTML 117Page - STMicroelectronics L9779WD-SPI Datasheet HTML 118Page - STMicroelectronics L9779WD-SPI Datasheet HTML 119Page - STMicroelectronics L9779WD-SPI Datasheet HTML 120Page - STMicroelectronics L9779WD-SPI Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 141 page
background image
DocID027721 Rev 2
117/141
L9779WD-SPI
Functional description
140
CONFIG_REG5
Configuration register 5
Address:
0 0101
Type:
W (write access: WRITE_CONFIG5)
Reset:
1101_1000
Note:
When VRS limited amplitude adaptive mode is set, VRS_HYST limits the minimum
hysteresis to the set value.
When VRS limited mode is set, filter time must be enabled at operation start, and shall
never be disabled afterwards.
When VRS limited mode is set, VRS diagnostic function is not available.
76543
21
0
RESERVED
RESERVED
VRS_DIAG
VRS_MODE1
VRS_MODE0
VRS_HYST2
VRS_HYST1
VRS_HYST0
--
W
[7:6] RESERVED: not used
[5] If fully adaptive mode selected:
VRS diag: VRS diagnosis enable
1: diagnosis function is enabled
0: diagnosis function is disabled
If limited adaptive mode selected:
Forces VRS minimum hysteresis (5 μA)
1: minimum hysteresis forced
0: normal operation as per VRS_HYST configuration
[4:3] VRS_MODE
00: Internal auto-adaptive hysteresis OFF, internal auto-adaptive filter time OFF
01: Internal auto-adaptive hysteresis ON, internal auto-adaptive filter time OFF
10: Internal auto-adaptive hysteresis OFF, internal auto-adaptive filter time ON
11: Internal auto-adaptive hysteresis ON, internal auto-adaptive filter time ON
[2:0] VRS_HYST
000: Hys current = 17 µA (Hys VRS = 347 mV with 10 k
 ext resistors) [default]
001: Hys current = 5 µA (Hys VRS=100mV with 10 k
 ext resistors)
010: Hys current = 10 µA (Hys VRS=200mV with 10 k
 ext resistors)
011: Hys current = 17 µA (Hys VRS=347mV with 10 k
 ext resistors)
100: Hys current = 32 µA (Hys VRS=644mV with 10 k
 ext resistors)
101: Hys current = 51 µA (Hys VRS=967mV with 10 k
 ext resistors)
110: Hys current = 17 µA (Hys VRS=347mV with 10 k
 ext resistors)
111: Hys current = 0 µA (used only for test purpose)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com