Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 117Page - STMicroelectronics L9779WD-SPI Datasheet HTML 118Page - STMicroelectronics L9779WD-SPI Datasheet HTML 119Page - STMicroelectronics L9779WD-SPI Datasheet HTML 120Page - STMicroelectronics L9779WD-SPI Datasheet HTML 121Page - STMicroelectronics L9779WD-SPI Datasheet HTML 122Page - STMicroelectronics L9779WD-SPI Datasheet HTML 123Page - STMicroelectronics L9779WD-SPI Datasheet HTML 124Page - STMicroelectronics L9779WD-SPI Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 141 page
background image
DocID027721 Rev 2
121/141
L9779WD-SPI
Functional description
140
CONFIG_REG10 (CPS Configuration register)
Configuration register 10
Address:
1 0010
Type:
WR_CPS
Reset:
-
IDENT_REG/DIA_REG[1:5]
Diagnostic register 1, 2, 3, 4, 5
Address:
1 0000
Subaddress:
0000 0001,
0000 0010,
0000 0011,
0000 0100,
0000 0101
Type:
R (Read only)
Reset:
0000 0000
7
654
32
10
see Table 37
CPS_CONF
W
[7:1] See Table 37
[0] CPS_CONF (CPS mode is enabled if REG7 bit4 is cleared first)
1: OUTA...OUTD are configured as 2 full-bridge for stepper motor driving (default)
0: OUTA...OUTD are configured as half bridges
7654
3
2
1
0
DIA_REG1
OUT4_DIAG
OUT3_DIAG
OUT2_DIAG
OUT1_DIAG
DIA_REG2
0
0
OUT7_DIAG
OUT6_DIAG
OUT5_DIAG
DIA_REG3
OUT14_DIAG
OUT13_DIAG
WDA_STATUS
1
0
0
DIA_REG4
OUT18_DIAG
OUT17_DIAG
OUT16_DIAG
OUT15_DIAG
DIA_REG5
RESERVED
OUT20_DIAG
0
0
DIA_REG1:[7:6] OUT4_DIAG: Diagnosis bit of power stage OUT4
00: Short-circuit to ground (SCG)
01: Open load (OL)
10: Short-circuit to BAT (SCB)
11: Power stage OK
NO FAIL
DIA_REG1:[5:4] OUT3_DIAG: Diagnosis bit of power stage OUT3
00: Short-circuit to ground (SCG)
01: Open load (OL)
10: Short-circuit to BAT (SCB)
11: Power stage OK
NO FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com