Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 125 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 125 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 121Page - STMicroelectronics L9779WD-SPI Datasheet HTML 122Page - STMicroelectronics L9779WD-SPI Datasheet HTML 123Page - STMicroelectronics L9779WD-SPI Datasheet HTML 124Page - STMicroelectronics L9779WD-SPI Datasheet HTML 125Page - STMicroelectronics L9779WD-SPI Datasheet HTML 126Page - STMicroelectronics L9779WD-SPI Datasheet HTML 127Page - STMicroelectronics L9779WD-SPI Datasheet HTML 128Page - STMicroelectronics L9779WD-SPI Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 141 page
background image
DocID027721 Rev 2
125/141
L9779WD-SPI
Functional description
140
DIA_REG7
Diagnostic register 7
Address:
1 0000
Subaddress:
0000 0111
Type:
R (Read only)
Reset:
0000 0000
7654
321
0
Configured as
single power stages
OUT28_DIAG
OUT27_DIAG
OUT26_DIAG
OUT25_DIAG
Configured as
H bridge
H2_DIAG
Configured as single power stages
[7-6] OUT28_DIAG[1:0]: Diagnosis bit of OUT28
00: Short-circuit to ground
01: Open load (OL)
10: Short-circuit to BAT (SCB)
11: Power stage OK
NO FAIL
[5-4] OUT27_DIAG[1:0]: Diagnosis bit of OUT27
00: Short-circuit to ground
01: Open load (OL)
10: Short-circuit to BAT (SCB)
11: Power stage OK
NO FAIL
[3-2] OUT26_DIAG[1:0]: Diagnosis bit of OUT26
00: Short-circuit to VB
01: Open load (OL)
10: Short-circuit to GND
11: Power stage OK
NO FAIL
[1-0] OUT25_DIAG[1:0]: Diagnosis bit of OUT25
00: Short-circuit to VB
01: Open load (OL)
10: Short-circuit to GND
11: Power stage OK
NO FAIL
Configured as H bridge
[7-0] H2_diag[7:0]: Diagnosis bit of H2 bridge
00000001: Short to Ground (OFF)
00000101: Short to VBAT (OFF)
00000100: Open Load (OFF)
00000010: Open Load (ON)
00000011: Over current (ON)
00000111: Fault detection running (ON)
11111111: Power stages OK NO FAULT
All other combinations: NOT USED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com