Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 130 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 126Page - STMicroelectronics L9779WD-SPI Datasheet HTML 127Page - STMicroelectronics L9779WD-SPI Datasheet HTML 128Page - STMicroelectronics L9779WD-SPI Datasheet HTML 129Page - STMicroelectronics L9779WD-SPI Datasheet HTML 130Page - STMicroelectronics L9779WD-SPI Datasheet HTML 131Page - STMicroelectronics L9779WD-SPI Datasheet HTML 132Page - STMicroelectronics L9779WD-SPI Datasheet HTML 133Page - STMicroelectronics L9779WD-SPI Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 141 page
background image
Functional description
L9779WD-SPI
130/141
DocID027721 Rev 2
DIA_REG12
Diagnostic register 12
Address:
1 0000
Subaddress:
0000 1100
Type:
R (Read only)
Reset:
0000 0000
7
654
32
10
RESERVED
SEO OUT1-4
SEO OUT1314
WD_FAULT
RESERVED
KEY_ON_FLT
[7] RESERVED
[6] WDA_FAULT latched:
1: WDA has generated a RST event
0: no event
[5] SEO event when the OUT1-4 are switched off after 225 ms
[4] SEO event when the OUT13-14 after 600ms when KEY is OFF
[3] WDA_FAULT not latched:
1: WDA has generated a RST event (the DIA_REG12 is read by READ_DATA 7 but the bit
WD_FAULT_LATCHED is reset by READ_DATA5).
0: no event
[2:1] RESERVED: not used
[0] KEY_ON_FLT: Key on after filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com