Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 129Page - STMicroelectronics L9779WD-SPI Datasheet HTML 130Page - STMicroelectronics L9779WD-SPI Datasheet HTML 131Page - STMicroelectronics L9779WD-SPI Datasheet HTML 132Page - STMicroelectronics L9779WD-SPI Datasheet HTML 133Page - STMicroelectronics L9779WD-SPI Datasheet HTML 134Page - STMicroelectronics L9779WD-SPI Datasheet HTML 135Page - STMicroelectronics L9779WD-SPI Datasheet HTML 136Page - STMicroelectronics L9779WD-SPI Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 141 page
background image
DocID027721 Rev 2
133/141
L9779WD-SPI
Functional description
140
DIAG_REG16/RST_AB1_CNT
Diagnostic register 16
Address:
1 0000
Subaddress:
0001 0000
Type:
R (Read only)
Reset:
0000 0000b (reset source: Bit 6…0: only RST_UV; RST_PRL has no effect)
W_RESP = '1':
an error occurred during the sequencer run before.
RESP_ERR = '1':
an error occurred during the actual sequencer run. The bit will be set to '1' after
receiving any incorrect answer byte and will remain '1' until the end of the actual
sequencer run (no matter if the other answer bytes in this sequencer run are correct
or not).
At the end of a sequencer run the error bit W_RESP will be set to the actual value of
RESP_ERR, and thereafter the error bit RESP_ERR will be cleared to '0'.
RESP_CNT = '11': waiting for RESP_BYTE3
RESP_CNT = '10': waiting for RESP_BYTE2 (after RESP_BYTE3 was received)
RESP_CNT = '01': waiting for RESP_BYTE1 (after RESP_BYTE2 was received)
RESP_CNT = '00': waiting for RESP_BYTE0 (after RESP_BYTE1 was received)
7
6
5
43210
0
0
AB1_CNT2
AB1_CNT1
AB1_CNT0
RST_CNT2
RST_CNT1
RST_CNT0
R
[7] 0
[6] 0
[5-3] AB1_CNT (2-0)
[2-0] RST_CNT (2-0) reset counter RST_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com