Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 154 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 154 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 150Page - Texas Instruments TMS320DM814X Datasheet HTML 151Page - Texas Instruments TMS320DM814X Datasheet HTML 152Page - Texas Instruments TMS320DM814X Datasheet HTML 153Page - Texas Instruments TMS320DM814X Datasheet HTML 154Page - Texas Instruments TMS320DM814X Datasheet HTML 155Page - Texas Instruments TMS320DM814X Datasheet HTML 156Page - Texas Instruments TMS320DM814X Datasheet HTML 157Page - Texas Instruments TMS320DM814X Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-1. Boot Mode Order
BTMODE[4:0]
1st
2nd
3rd
4th
00000
RESERVED
RESERVED
RESERVED
RESERVED
00001
UART
XIP w/WAIT (MUX0)(1)(2)
MMC
SPI
00010
UART
SPI
NAND
NANDI2C
00011
UART
SPI
XIP (MUX0)(1)(2)
MMC
00100
EMAC(3)
SPI
NAND
NANDI2C
00101
RESERVED
RESERVED
RESERVED
RESERVED
00110
RESERVED
RESERVED
RESERVED
RESERVED
00111
EMAC(3)
MMC
SPI
XIP (MUX1)(1)(2)
01000
PCIE_32(4)
RESERVED
RESERVED
RESERVED
01001
PCIE_64(4)
RESERVED
RESERVED
RESERVED
01010
RESERVED
RESERVED
RESERVED
RESERVED
01011
RESERVED
RESERVED
RESERVED
RESERVED
01100
RESERVED
RESERVED
RESERVED
RESERVED
01101
RESERVED
RESERVED
RESERVED
RESERVED
01110
RESERVED
RESERVED
RESERVED
RESERVED
01111
Fast XIP (MUX0)(1)
UART
EMAC(3)
PCIE_64(4)
10000
XIP (MUX1)(1)(2)
UART
EMAC(3)
MMC
10001
XIP w/WAIT (MUX1)(1)(2)
UART
EMAC(3)
MMC
10010
NAND
NANDI2C
SPI
UART
10011
NAND
NANDI2C
MMC
UART
10100
NAND
NANDI2C
SPI
EMAC(3)
10101
NANDI2C
MMC
EMAC(3)
UART
10110
SPI
MMC
UART
EMAC(3)
10111
MMC
SPI
UART
EMAC(3)
11000
SPI
MMC
PCIE_32(4)
RESERVED
11001
SPI
MMC
PCIE_64(4)
RESERVED
11010
XIP (MUX0)(1)(2)
UART
SPI
MMC
11011
XIP w/WAIT (MUX0)(1)(2)
UART
SPI
MMC
11100
RESERVED
RESERVED
RESERVED
RESERVED
11101
RESERVED
RESERVED
RESERVED
RESERVED
11110
RESERVED
RESERVED
RESERVED
RESERVED
11111
Fast XIP (MUX0)(1)
EMAC(3)
UART
PCIE_32(4)
(1)
GPMC CS0 eXecute In Place (XIP) boot for NOR/OneNAND/ROM. MUX0/1 refers to the multiplexing option for the GPMC_A[12:0] pins.
For more detailed information on booting the device, including which pins are used for each boot mode, see the ROM Code Memory
and Peripheral Booting chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature
Number: SPRUGZ8).
(2)
When the XIP (MUX0), XIP (MUX1), XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode is selected, the sampled value from
BTMODE[10] pin is used to select between GPMC pin configuration options shown in Table 4-2, XIP (on GPMC) Boot Options.
(3)
When the EMAC bootmode is selected, the sampled value from BTMODE[9:8] pins are used to determine the Ethernet PHY Mode
Selection (see Table 4-7).
(4)
When the PCIe bootmode is selected (PCIE_32 or PCI_64), the sampled value from BTMODE[15:12] pins are used to determine the
addressing options. For more detailed information on the PCIe addressing options, see the ROM Code Memory and Peripheral Booting
chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
4.2.1
XIP (NOR) Boot Options
Table 4-2 shows the XIP (NOR) boot mode GPMC pin configuration options (Option A: BTMODE[10] = 0
and Option B: BTMODE[10] = 1). For Option B, the pull state on select pins is reconfigured to IPD and
remains IPD after boot until the user software reconfigures it.
154
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com