| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 59 Page - Texas Instruments |
|
59 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 3.2.6 EMAC [(R)(G)MII Modes] and MDIO Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. EMAC[0] (G)MII Mode An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine the Ethernet PHY Mode Selection (for example, 00b is MII mode). For more detailed information on EMAC bootmodes and Ethernet PHY Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection. These pin functions are available only when GMII or MII modes are selected. EMAC[0]_MCOL/ EMAC[0], EMAC[0]_RGRXCTL/ IPD VIN[1]B, GP3 VIN[1]B_D[1]/ L23 I [G]MII Collision Detect (Sense) input DVDD_GPMC PINCNTL236 EMAC[0]_RMRXD[0]/ DSIS: 0 GP3[24] EMAC[0]_MCRS/ EMAC[0], EMAC[0]_RGRXD[2]/ IPD VIN[1]B, GP3 VIN[1]B_D[2]/ R25 I [G]MII Carrier Sense input DVDD_GPMC PINCNTL237 EMAC[0]_RMRXD[1]/ DSIS: 0 GP3[25] EMAC[0]_GMTCLK/ EMAC[1], EMAC[1]_RGRXC/ IPD GPMC, SPI[2] K23 O GMII Source Synchronous Transmit Clock GPMC_A[6]/ DVDD_GPMC PINCNTL249 SPI[2]_D[1] DSIS: N/A EMAC[0]_MRCLK/ EMAC[0], EMAC[0]_RGTXC/ VIN[1]B, SPI[3], VIN[1]B_D[4]/ IPD H27 I GP3 [G]MII Receive Clock EMAC[0]_RMCRSDV/ DVDD_GPMC PINCNTL239 SPI[3]_SCS[2]/ DSIS: 0 GP3[27] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 59 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |