| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-12. GP2 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. GPIO2 Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs. VOUT[1]_AVID/ VOUT[1], EMAC[1], EMAC[1]_MRXER/ VIN[1]A, UART4, VIN[1]A_CLK/ IPD Y22 I/O TIMER6 General-Purpose Input/Output (I/O) 2 [GP2] pin 31 UART4_RTS/ DVDD PINCNTL207 TIM6_IO/ DSIS: PIN GP2[31] VOUT[1]_VSYNC/ EMAC[1]_MCRS/ VOUT[1], EMAC[1], VIN[1]A_FLD/ VIN[1]A, SPI[3], IPD VIN[1]A_DE/ AA23 I/O UART3 General-Purpose Input/Output (I/O) 2 [GP2] pin 30 DVDD SPI[3]_D[0]/ PINCNTL206 UART3_CTS/ DSIS: PIN GP2[30] VOUT[1]_HSYNC/ VOUT[1], EMAC[1], EMAC[1]_MCOL/ VIN[1]A, SPI[3], VIN[1]A_VSYNC/ IPD AC24 I/O UART3 General-Purpose Input/Output (I/O) 2 [GP2] pin 29 SPI[3]_D[1]/ DVDD PINCNTL205 UART3_RTS/ DSIS: PIN GP2[29] VOUT[1]_CLK/ VOUT[1], EMAC[1], EMAC[1]_MTCLK/ IPD VIN[1]A AE24 I/O General-Purpose Input/Output (I/O) 2 [GP2] pin 28 VIN[1]A_HSYNC/ DVDD PINCNTL204 GP2[28] DSIS: PIN VOUT[0] VOUT[0]_R_CR[3]/ IPD AB9 I/O PINCNTL197 General-Purpose Input/Output (I/O) 2 [GP2] pin 27 GP2[27] DVDD DSIS: PIN VOUT[0]_R_CR[2]/ VOUT[0], EMU IPD EMU4/ AD9 I/O PINCNTL196 General-Purpose Input/Output (I/O) 2 [GP2] pin 26 DVDD GP2[26] DSIS: PIN VOUT[0] VOUT[0]_G_Y_YC[3]/ IPD AH15 I/O PINCNTL189 General-Purpose Input/Output (I/O) 2 [GP2] pin 25 GP2[25] DVDD DSIS: PIN VOUT[0]_G_Y_YC[2]/ VOUT[0], EMU IPD EMU3/ AH7 I/O PINCNTL188 General-Purpose Input/Output (I/O) 2 [GP2] pin 24 DVDD GP2[24] DSIS: PIN VOUT[0] VOUT[0]_B_CB_C[3]/ IPD AE15 I/O PINCNTL181 General-Purpose Input/Output (I/O) 2 [GP2] pin 23 GP2[23] DVDD DSIS: PIN VOUT[0]_B_CB_C[2]/ VOUT[0], EMU IPD EMU2/ AG7 I/O PINCNTL180 General-Purpose Input/Output (I/O) 2 [GP2] pin 22 DVDD GP2[22] DSIS: PIN VOUT[0]_AVID/ VOUT[0], SPI[3], VOUT[0]_FLD/ IPD TIMER7 SPI[3]_SCLK/ AA10 I/O General-Purpose Input/Output (I/O) 2 [GP2] pin 21 DVDD PINCNTL179 TIM7_IO/ DSIS: PIN GP2[21] VIN[0]AB, VIN[0]A_D[15]_BD[7]/ DIS CAMERA_I/F CAM_SHUTTER/ AC14 I/O General-Purpose Input/Output (I/O) 2 [GP2] pin 20 DVDD PINCNTL155 GP2[20] DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 80 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |