| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com 3.2.2 Camera Interface (I/F) Table 3-2. Camera I/F Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. CAMERA I/F VOUT[0]_FLD/ VOUT[0], GPMC, UART2, CAM_PCLK/ IPD GP2 GPMC_A[12]/ AF18 I Camera Pixel Clock. DVDD_C PINCNTL175 UART2_RTS/ DSIS: 0 GP2[2] VIN[0]A_D[23]/ VIN[0]A, EMAC[1], SPI[3], CAM_D[15]/ IPD GP0 EMAC[1]_RMTXEN/ AC16 I DVDD_C PINCNTL163 SPI[3]_D[0]/ DSIS: PIN GP0[17] VIN[0]A_D[22]/ VIN[0]A, EMAC[1]_RM, CAM_D[14]/ IPD SPI[3], GP0 EMAC[1]_RMTXD[1]/ AC21 I DVDD_C PINCNTL162 SPI[3]_D[1]/ DSIS: PIN GP0[16] VIN[0]A_D[21]/ VIN[0]A, EMAC[1]_RM, CAM_D[13]/ IPD SPI[3], GP0 EMAC[1]_RMTXD[0]/ AE18 I DVDD_C PINCNTL161 SPI[3]_SCLK/ DSIS: PIN GP0[15] VIN[0]A_D[20]/ VIN[0]A, EMAC[1]_RM, CAM_D[12]/ IPD SPI[3], GP0 EMAC[1]_RMCRSDV/ AC17 I DVDD_C PINCNTL160 SPI[3]_SCS[0]/ DSIS: PIN Camera data inputs GP0[14] VIN[0]A_D[19]/ VIN[0]A, EMAC[1]_RM, CAM_D[11]/ IPU I2C[3], GP0 EMAC[1]_RMRXD[0]/ AF21 I DVDD_C PINCNTL159 I2C[3]_SDA/ DSIS: PIN GP0[13] VIN[0]A_D[18]/ VIN[0]A, EMAC[1]_RM, CAM_D[10]/ IPU I2C[3], GP0 EMAC[1]_RMRXD[1]/ AF20 I DVDD_C PINCNTL158 I2C[3]_SCL/ DSIS: PIN GP0[12] VIN[0]A_D[17]/ VIN[0]A, EMAC[1]_RM, CAM_D[9]/ IPD GP0 AB21 I EMAC[1]_RMRXER/ DVDD_C PINCNTL157 GP0[11] DSIS: PIN VIN[0]A_D[16]/ VIN[0]A, I2C[2], GP0 CAM_D[8]/ IPU AA21 I PINCNTL156 I2C[2]_SCL/ DVDD_C DSIS: PIN GP0[10] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 46 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |