Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM814X Datasheet HTML 1Page - Texas Instruments TMS320DM814X Datasheet HTML 2Page - Texas Instruments TMS320DM814X Datasheet HTML 3Page - Texas Instruments TMS320DM814X Datasheet HTML 4Page - Texas Instruments TMS320DM814X Datasheet HTML 5Page - Texas Instruments TMS320DM814X Datasheet HTML 6Page - Texas Instruments TMS320DM814X Datasheet HTML 7Page - Texas Instruments TMS320DM814X Datasheet HTML 8Page - Texas Instruments TMS320DM814X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
•
Eight 32-bit general-purpose timers
•
System watchdog timer
•
Dual DDR2, and DDR3 SDRAM interfaces
•
Flexible 8- or 16-bit asynchronous memory interface
•
Two Controller Area Network (DCAN) modules
•
Spin Lock
•
Mailbox
•
Serial Hard Disk Drive Interface (SATA 300)
The TMS320DM814x DaVinci video processors also include a high-definition video and imaging
coprocessor 2 (HDVICP2), and an SGX530 3D graphics engine to off-load many video and imaging
processing tasks from the DSP core, making more DSP MIPS available for common video and imaging
algorithms. Additionally, it has a complete set of development tools for both the ARM and DSP, which
include C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a Microsoft®
Windows® debugger interface for visibility into source code execution.
The C674x DSP core is the high-performance floating-point DSP generation in the TMS320C6000 DSP
platform and is code-compatible with previous generation C64x Fixed-Point and C67x Floating-Point DSP
generation. The C674x Floating-Point DSP processor uses 32KB of L1 program memory with EDC and
32KB of L1 data memory. Up to 32KB of L1P can be configured as program cache. The remaining
memory is noncacheable no-wait-state program memory. Up to 32KB of L1D can be configured as data
cache. The remaining memory is noncacheable no-wait-state data memory. The DSP has 256KB of L2
RAM with ECC, which can be defined as SRAM, L2 cache, or a combination of both. All C674x L3 and off-
chip memory accesses are routed through an MMU.
Copyright © 2011–2013, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
5
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com