Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 20Page - Texas Instruments TMS320DM814X Datasheet HTML 21Page - Texas Instruments TMS320DM814X Datasheet HTML 22Page - Texas Instruments TMS320DM814X Datasheet HTML 23Page - Texas Instruments TMS320DM814X Datasheet HTML 24Page - Texas Instruments TMS320DM814X Datasheet HTML 25Page - Texas Instruments TMS320DM814X Datasheet HTML 26Page - Texas Instruments TMS320DM814X Datasheet HTML 27Page - Texas Instruments TMS320DM814X Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
2.12 Memory Map Summary
The device has multiple on-chip memories associated with its two processors and various subsystems. To
help simplify software development a unified memory map is used where possible to maintain a consistent
view of device resources across all bus masters.
2.12.1 L3 Memory Map
Table 2-3 shows the L3 memory map for all system masters (including Cortex-A8). Table 2-3 and Table 2-
6 show the memory map of the C674x DSP which has limited access to the following peripherals:
McASPx, McBSP, UARTx, I2Cx, SPIx, EDMA, GPIO/INT, GPMC, DDRx, EMAC, PCIe, Timers, and USB.
Table 2-4 shows the memory map for the C674x DSP.
For more details on the interconnect topology and connectivity across the L3 and L4 interconnects, see
Table 7-17, System Interconnect.
Table 2-3. L3 Memory Map
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x0000_0000
0x00FF_FFFF
16MB
GPMC (Reserved for BOOTROM)
0x0100_0000
0x1FFF_FFFF
496MB
GPMC
0x2000_0000
0x2FFF_FFFF
256MB
PCIe
0x3000_0000
0x3FFF_FFFF
256MB
Reserved
0x4000_0000
0x4001_FFFF
128KB
Reserved
ARM Cortex-A8 ROM
0x4002_0000
0x4002_BFFF
48KB
(Accessible by ARM Cortex-A8 only)
0x4002_C000
0x402E_FFFF
2832KB
Reserved
0x402F_0000
0x402F_03FF
1KB
Reserved
ARM Cortex-A8 RAM
0x402F_0400
0x402F_FFFF
64KB - 1KB
(Accessible by ARM Cortex-A8 only)
0x4030_0000
0x4031_FFFF
128KB
OCMC SRAM
0x4032_0000
0x407F_FFFF
4992KB
Reserved
0x4080_0000
0x4083_FFFF
256KB
C674x™ L2 RAM
0x4084_0000
0x40DF_FFFF
5888KB
Reserved
0x40E0_0000
0x40E0_7FFF
32KB
C674x L1P Cache/RAM
0x40E0_8000
0x40EF_FFFF
992KB
Reserved
0x40F0_0000
0x40F0_7FFF
32KB
C674x L1D Cache/RAM
0x40F0_8000
0x40FF_FFFF
992KB
Reserved
0x4100_0000
0x41FF_FFFF
16MB
Reserved
0x4200_0000
0x43FF_FFFF
32MB
Reserved
0x4400_0000
0x443F_FFFF
4MB
L3 Fast configuration registers
0x4440_0000
0x447F_FFFF
4MB
L3 Mid configuration registers
0x4480_0000
0x44BF_FFFF
4MB
L3 Slow configuration registers
0x44C0_0000
0x45FF_FFFF
20MB
Reserved
0x4600_0000
0x463F_FFFF
4MB
McASP0 Data Peripheral Registers
0x4640_0000
0x467F_FFFF
4MB
McASP1 Data Peripheral Registers
0x4680_0000
0x46BF_FFFF
4MB
McASP2 Data Peripheral Registers
0x46C0_0000
0x46FF_FFFF
4MB
HDMI
0x4700_0000
0x473F_FFFF
4MB
McBSP
0x4740_0000
0x477F_FFFF
4MB
USB
0x4780_0000
0x4780_FFFF
64KB
Reserved
0x4781_0000
0x4781_1FFF
8KB
MMC/SD/SDIO2 Peripheral Registers
0x4781_2000
0x47BF_FFFF
4MB - 72KB
Reserved
24
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com