Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 50Page - Texas Instruments TMS320DM814X Datasheet HTML 51Page - Texas Instruments TMS320DM814X Datasheet HTML 52Page - Texas Instruments TMS320DM814X Datasheet HTML 53Page - Texas Instruments TMS320DM814X Datasheet HTML 54Page - Texas Instruments TMS320DM814X Datasheet HTML 55Page - Texas Instruments TMS320DM814X Datasheet HTML 56Page - Texas Instruments TMS320DM814X Datasheet HTML 57Page - Texas Instruments TMS320DM814X Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-5. DDR2/DDR3 Memory Controller 1 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR2/DDR3 Memory Controller 1 (DDR[1])
DDR[1] Clock
IPD/DIS
DDR[1]_CLK
B13
O
The internal pulldown (IPD) is enabled for this pin when the device is
DVDD_DDR[1]
in reset and the IPD is disabled (DIS) when reset is released.
DDR[1] Negative Clock
IPU/DIS
DDR[1]_CLK
A13
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
IPD
DDR[1]_CKE
H11
O
DDR[1] Clock Enable
DVDD_DDR[1]
DDR[1] Write Enable
IPU/DIS
DDR[1]_WE
E12
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
DDR[1] Chip Select 0
IPU/DIS
DDR[1]_CS[0]
G12
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
DDR[1] Chip Select 1
IPU/DIS
DDR[1]_CS[1]
G11
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
DDR[1] Row Address Strobe output
IPU/DIS
DDR[1]_RAS
C12
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
DDR[1] Column Address Strobe output
IPU/DIS
DDR[1]_CAS
F13
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[1]
reset and the IPU is disabled (DIS) when reset is released.
IPU/IPD
DDR[1]_DQM[3]
G9
O
DDR[1] Data Mask outputs
DVDD_DDR[1]
DDR[1]_DQM[3]: For upper byte data bus DDR[1]_D[31:24]
IPU/IPD
DDR[1]_DQM[2]: For DDR[1]_D[23:16]
DDR[1]_DQM[2]
G8
O
DVDD_DDR[1] DDR[1]_DQM[1]: For DDR[1]_D[15:8]
DDR[1]_DQM[0]: For lower byte data bus DDR[1]_D[7:0]
IPU/IPD
DDR[1]_DQM[1]
B2
O
DVDD_DDR[1]
The internal pullup (IPU) is enabled for these pins when the device is
IPU/IPD
in reset and switches to an IPD enabled when reset is released.
DDR[1]_DQM[0]
F4
O
DVDD_DDR[1]
IPD
DDR[1]_DQS[3]
B8
I/O
DVDD_DDR[1] Data strobe input/outputs for each byte of the 32-bit data bus. They are
outputs to the DDR[1] memory when writing and inputs when reading.
IPD
DDR[1]_DQS[2]
A6
I/O
They are used to synchronize the data transfers.
DVDD_DDR[1]
DDR[1]_DQS[3]: For upper byte data bus DDR[1]_D[31:24]
IPD
DDR[1]_DQS[2]: For DDR[1]_D[23:16]
DDR[1]_DQS[1]
B3
I/O
DVDD_DDR[1] DDR[1]_DQS[1]: For DDR[1]_D[15:8]
DDR[1]_DQS[0]: For lower byte data bus DDR[1]_D[7:0]
IPD
DDR[1]_DQS[0]
D1
I/O
DVDD_DDR[1]
IPU
DDR[1]_DQS[3]
A8
I/O
DVDD_DDR[1] Complementary data strobe input/outputs for each byte of the 32-bit
data bus. They are outputs to the DDR[1] memory when writing and
IPU
DDR[1]_DQS[2]
B6
I/O
inputs when reading. They are used to synchronize the data transfers.
DVDD_DDR[1]
DDR[1]_DQS[3]: For upper byte data bus DDR[1]_D[31:24]
IPU
DDR[1]_DQS[2]: For DDR[1]_D[23:16]
DDR[1]_DQS[1]
A3
I/O
DVDD_DDR[1] DDR[1]_DQS[1]: For DDR[1]_D[15:8]
DDR[1]_DQS[0]: For lower byte data bus DDR[1]_D[7:0]
IPU
DDR[1]_DQS[0]
D2
I/O
DVDD_DDR[1]
DDR[1] On-Die Termination for Chip Select 0.
IPD/DIS
DDR[1]_ODT[0]
H10
O
The internal pulldown (IPD) is enabled for this pin when the device is
DVDD_DDR[1]
in reset and the IPD is disabled (DIS) when reset is released.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
54
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com