Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 74Page - Texas Instruments TMS320DM814X Datasheet HTML 75Page - Texas Instruments TMS320DM814X Datasheet HTML 76Page - Texas Instruments TMS320DM814X Datasheet HTML 77Page - Texas Instruments TMS320DM814X Datasheet HTML 78Page - Texas Instruments TMS320DM814X Datasheet HTML 79Page - Texas Instruments TMS320DM814X Datasheet HTML 80Page - Texas Instruments TMS320DM814X Datasheet HTML 81Page - Texas Instruments TMS320DM814X Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. GP1 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
SD2_DAT[1]_SDIRQ
SD2, GPMC
IPU
/
PINCNTL119
M24
I/O
DVDD_GP
GPMC_A[3]/
DSIS: PIN
MC
GP1[13]
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 13
GPMC, TIMER2
GPMC_A[18]/
IPD
PINCNTL107
TIM2_IO/
AE28
I/O
DVDD_GP
DSIS: PIN
GP1[13]
MC
MM: MUX0
VIN[0]A
VIN[0]A_D[1]/
IPD
PINCNTL141
AB11
I/O
GP1[12]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 12
MDIO
IPU
MDIO/
PINCNTL234
P24
I/O
DVDD_GP
GP1[12]
DSIS: PIN
MC
MM: MUX0
VIN[0]A
VIN[0]A_D[0]/
IPD
PINCNTL140
AF9
I/O
GP1[11]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 11
MDIO
IPU
MDCLK/
PINCNTL233
H28
I/O
DVDD_GP
GP1[11]
DSIS: PIN
MC
MM: MUX0
General-Purpose Input/Output (I/O) 1 [GP1] pin 10
The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register
should be set to 1 to enable GPIO LVCMOS mode. The
PINCNTL65
ENN bit in the MLBP_DAT_IO_CTRL register should also
IPU
GP1[10]
V2
I/O
DSIS: PIN
be set to 1 to enable the GPIO LVCMOS receiver. The
DVDD_M
MM: MUX1
internal Pullup/Pulldown is always disabled, regardless of
the state of the PULLUDEN bit in the PINCNTL65 register.
An external Pullup/Pulldown can be used to control the
floating state of this pin.
EMAC, TIMER2
EMAC_RMREFCLK/
IPD
PINCNTL232
TIM2_IO/
J27
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 10
DSIS: PIN
GP1[10]
MC
MM: MUX0
General-Purpose Input/Output (I/O) 1 [GP1] pin 9
The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register
should be set to 1 to enable GPIO LVCMOS mode. The
PINCNTL64
ENP bit in the MLBP_DAT_IO_CTRL register should also
IPD
GP1[9]
V1
I/O
DSIS: PIN
be set to 1 to enable the GPIO LVCMOS receiver. The
DVDD_M
MM: MUX1
internal Pullup/Pulldown is always disabled, regardless of
the state of the PULLUDEN bit in the PINCNTL64 register.
An external Pullup/Pulldown can be used to control the
floating state of this pin.
VIN[0]B, CLKOUT0
VIN[0]B_CLK/
IPD
PINCNTL134
CLKOUT0/
AE17
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 9
DVDD
DSIS: PIN
GP1[9]
MM: MUX0
General-Purpose Input/Output (I/O) 1 [GP1] pin 8
The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register
should be set to 1 to enable GPIO LVCMOS mode. The
PINCNTL63
ENN bit in the MLBP_DAT_IO_CTRL register should also
IPU
GP1[8]
W2
I/O
DSIS: PIN
be set to 1 to enable the GPIO LVCMOS receiver. The
DVDD_M
MM: MUX1
internal Pullup/Pulldown is always disabled, regardless of
the state of the PULLUDEN bit in the PINCNTL63 register.
An external Pullup/Pulldown can be used to control the
floating state of this pin.
78
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com