Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 162 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 162 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 158Page - Texas Instruments TMS320DM814X Datasheet HTML 159Page - Texas Instruments TMS320DM814X Datasheet HTML 160Page - Texas Instruments TMS320DM814X Datasheet HTML 161Page - Texas Instruments TMS320DM814X Datasheet HTML 162Page - Texas Instruments TMS320DM814X Datasheet HTML 163Page - Texas Instruments TMS320DM814X Datasheet HTML 164Page - Texas Instruments TMS320DM814X Datasheet HTML 165Page - Texas Instruments TMS320DM814X Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0850
PINCNTL21
J2
0x000C 0000
MCA[0]_AXR[0]
0x4814 0854
PINCNTL22
J1
0x000E 0000
MCA[0]_AXR[1]
I2C[3]_SCL
(M0)
0x4814 0858
PINCNTL23
L4
0x000E 0000
MCA[0]_AXR[2]
I2C[3]_SDA
(M0)
0x4814 085C
PINCNTL24
M5
0x000C 0000
MCA[0]_AXR[3]
0x4814 0860
PINCNTL25
R6
0x000C 0000
MCA[0]_AXR[4]
MCA[1]_AXR[8]
(M0)
0x4814 0864
PINCNTL26
M3
0x000C 0000
MCA[0]_AXR[5]
MCA[1]_AXR[9]
(M0)
0x4814 0868
PINCNTL27
M4
0x000C 0000
MCA[0]_AXR[6]
MCB_DR
0x4814 086C
PINCNTL28
L2
0x000C 0000
MCB_DX
MCA[0]_AXR[7]
(M0)
0x4814 0870
PINCNTL29
L1
0x000C 0000
MCB_FSX
MCA[0]_AXR[8]
(M0)
MCB_FSR
(M1)
0x4814 0874
PINCNTL30
M6
0x000C 0000
MCB_CLKX
MCA[0]_AXR[9]
(M0)
MCB_CLKR
(M1)
0x4814 0878
PINCNTL31
U5
0x0004 0000
MCA[1]_ACLKX
0x4814 087C
PINCNTL32
V3
0x000C 0000
MCA[1]_AFSX
0x4814 0880
PINCNTL33
M1
0x0004 0000
MCA[1]_ACLKR
MCA[1]_AXR[4]
0x4814 0884
PINCNTL34
M2
0x000C 0000
MCA[1]_AFSR
MCA[1]_AXR[5]
0x4814 0888
PINCNTL35
V4
0x000E 0000
MCA[1]_AXR[0]
SD0_DAT[4]
0x4814 088C
PINCNTL36
T6
0x000E 0000
MCA[1]_AXR[1]
SD0_DAT[5]
0x4814 0890
PINCNTL37
R3
0x000C 0000
MCA[1]_AXR[2]
MCB_FSR
(M0)
0x4814 0894
PINCNTL38
N6
0x000C 0000
MCA[1]_AXR[3]
MCB_CLKR
(M0)
0x4814 0898
PINCNTL39
U6
0x0006 0000
MCA[2]_ACLKX
GP0[10]
(M1)
0x4814 089C
PINCNTL40
AA5
0x000E 0000
MCA[2]_AFSX
GP0[11]
(M1)
0x4814 08A0
PINCNTL41
N2
0x000E 0000
MCA[2]_AXR[0]
SD0_DAT[6]
UART5_RXD
(M3)
GP0[12]
(M1)
0x4814 08A4
PINCNTL42
V6
0x000E 0000
MCA[2]_AXR[1]
SD0_DAT[7]
UART5_TXD
(M3)
GP0[13]
(M1)
0x4814 08A8
PINCNTL43
V5
0x000C 0000
MCA[2]_AXR[2]
MCA[1]_AXR[6]
TIM2_IO
(M0)
GP0[14]
(M1)
0x4814 08AC
PINCNTL44
H2
0x000C 0000
MCA[2]_AXR[3]
MCA[1]_AXR[7]
TIM3_IO
(M0)
GP0[15]
(M1)
0x4814 08B0
PINCNTL45
G6
0x0004 0000
MCA[3]_ACLKX
GP0[16]
(M1)
0x4814 08B4
PINCNTL46
H4
0x000C 0000
MCA[3]_AFSX
GP0[17]
(M1)
0x4814 08B8
PINCNTL47
G1
0x000C 0000
MCA[3]_AXR[0]
TIM4_IO
(M0)
GP0[18]
(M1)
0x4814 08BC
PINCNTL48
G2
0x000C 0000
MCA[3]_AXR[1]
TIM5_IO
(M0)
GP0[19]
(M1)
0x4814 08C0
PINCNTL49
F2
0x000C 0000
MCA[3]_AXR[2]
MCA[1]_AXR[8]
(M1)
GP0[20]
(M1)
0x4814 08C4
PINCNTL50
J6
0x000C 0000
MCA[3]_AXR[3]
MCA[1]_AXR[9]
(M1)
0x4814 08C8
PINCNTL51
K7
0x0004 0000
MCA[4]_ACLKX
GP0[21]
(M1)
0x4814 08CC
PINCNTL52
H3
0x000C 0000
MCA[4]_AFSX
GP0[22]
(M1)
0x4814 08D0
PINCNTL53
H6
0x000C 0000
MCA[4]_AXR[0]
GP0[23]
(M1)
0x4814 08D4
PINCNTL54
J4
0x000C 0000
MCA[4]_AXR[1]
TIM6_IO
(M0)
GP0[24]
(M1)
162
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com