Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 169 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 169 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 165Page - Texas Instruments TMS320DM814X Datasheet HTML 166Page - Texas Instruments TMS320DM814X Datasheet HTML 167Page - Texas Instruments TMS320DM814X Datasheet HTML 168Page - Texas Instruments TMS320DM814X Datasheet HTML 169Page - Texas Instruments TMS320DM814X Datasheet HTML 170Page - Texas Instruments TMS320DM814X Datasheet HTML 171Page - Texas Instruments TMS320DM814X Datasheet HTML 172Page - Texas Instruments TMS320DM814X Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0BDC
PINCNTL248
K22
0x0004 0000
EMAC[0]_MRXDV/
GPMC_A[5]
(M0)
SPI[2]_SCLK
(M2)
EMAC[1]_RGRXD[1]
0x4814 0BE0
PINCNTL249
K23
0x0004 0000
EMAC[0]_GMTCLK/
GPMC_A[6]
(M0)
SPI[2]_D[1]
(M2)
EMAC[1]_RGRXC
0x4814 0BE4
PINCNTL250
J24
0x0004 0000
EMAC[0]_MTXD[0]/
GPMC_A[7]
(M0)
SPI[2]_D[0]
(M2)
EMAC[1]_RGRXD[3]
0x4814 0BE8
PINCNTL251
H25
0x0004 0000
EMAC[0]_MTXD[1]/
GPMC_A[8]
(M0)
UART4_RXD
(M1)
EMAC[1]_RGTXD[1]
0x4814 0BEC
PINCNTL252
H22
0x0004 0000
EMAC[0]_MTXD[2]/
EMAC[1]_RMRXD[0]
(M0)
GPMC_A[9]
(M0)
UART4_TXD
(M1)
EMAC[1]_RGTXCTL
0x4814 0BF0
PINCNTL253
H23
0x0004 0000
EMAC[0]_MTXD[3]/
EMAC[1]_RMRXD[1]
(M0)
GPMC_A[10]
(M0)
UART4_CTS
(M1)
EMAC[1]_RGTXD[0]
0x4814 0BF4
PINCNTL254
G23
0x0004 0000
EMAC[0]_MTXD[4]/
EMAC[1]_RMRXER
GPMC_A[11]
(M0)
UART4_RTS
(M1)
EMAC[1]_RGTXD[2]
0x4814 0BF8
PINCNTL255
F27
0x0004 0000
EMAC[0]_MTXD[5]/
EMAC[1]_RMCRSDV
(M0)
GPMC_A[12]
(M0)
UART1_RXD
(M1)
EMAC[1]_RGTXC
0x4814 0BFC
PINCNTL256
J22
0x0004 0000
EMAC[0]_MTXD[6]/
EMAC[1]_RMTXD[0]
(M0)
GPMC_A[13]
(M0)
UART1_TXD
(M1)
EMAC[1]_RGRXD[0]
0x4814 0C00
PINCNTL257
H24
0x0004 0000
EMAC[0]_MTXD[7]/
UART1_CTS
EMAC[1]_RMTXD[1]
(M0)
GPMC_A[14]
(M0)
EMAC[1]_RGTXD[3]
0x4814 0C04
PINCNTL258
J23
0x0004 0000
EMAC[0]_MTXEN/
UART1_RTS
EMAC[1]_RMTXEN
(M0)
GPMC_A[15]
(M0)
EMAC[1]_RGRXD[2]
0x4814 0C08
PINCNTL259
J7
0x0004 0000
CLKIN32
CLKOUT0
GP3[31]
TIM3_IO
(M3)
0x4814 0C0C
PINCNTL260
J5
0x000E 0000
RESET
0x4814 0C10
PINCNTL261
H7
0x000E 0000
NMI
0x4814 0C14
PINCNTL262
K6
0x0005 0000
RSTOUT_WD_OUT
0x4814 0C18
PINCNTL263
AC4
0x000D 0000
I2C[0]_SCL
0x4814 0C1C
PINCNTL264
AB6
0x000D 0000
I2C[0]_SDA
0x4814 0C20
PINCNTL265
–
Undetermined
Reserved. Do Not Program this Register.
0x4814 0C24
PINCNTL266
–
Undetermined
Reserved. Do Not Program this Register.
0x4814 0C28
PINCNTL267
–
Undetermined
Reserved. Do Not Program this Register.
0x4814 0C2C
PINCNTL268
–
Undetermined
Reserved. Do Not Program this Register.
0x4814 0C30
PINCNTL269
–
Undetermined
Reserved. Do Not Program this Register.
0x4814 0C34
PINCNTL270
AF11
0x000C 0000
USB0_DRVVBUS
GP0[7]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Configurations
169
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com