Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 273 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 273 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 269Page - Texas Instruments TMS320DM814X Datasheet HTML 270Page - Texas Instruments TMS320DM814X Datasheet HTML 271Page - Texas Instruments TMS320DM814X Datasheet HTML 272Page - Texas Instruments TMS320DM814X Datasheet HTML 273Page - Texas Instruments TMS320DM814X Datasheet HTML 274Page - Texas Instruments TMS320DM814X Datasheet HTML 275Page - Texas Instruments TMS320DM814X Datasheet HTML 276Page - Texas Instruments TMS320DM814X Datasheet HTML 277Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-40. TMDS Routing Specifications (continued)
PARAMETER
MIN
TYP
MAX
UNIT
TMDS differential pair to any other trace spacing
2*DS(2)
(2)
DS = differential spacing of the HDMI traces.
8.9.1.3
DDC Signals
As shown in Figure 8-37, HDMI Interface High-Level Schematic, the DDC connects just like a standard
I2C bus. As such, resistor pullups must be used to pull up the open drain buffer signals unless they are
integrated into the ESD protection chip used. If used, these pullup resistors should be connected to a 3.3-
V supply.
8.9.1.4
HDMI ESD Protection Device (Required)
Interfaces that connect to a cable such as HDMI generally require more ESD protection than can be built
into the outputs of the processor. Therefore, this HDMI interface requires the use of an ESD protection
chip to provide adequate ESD protection and to translate I2C voltage levels from the 3.3 V supplied by the
device to the 5 volts required by the HDMI specification.
When selecting an ESD protection chip, choose the lowest capacitance ESD protection available to
minimize signal degradation. In no case should the ESD protection circuit capacitance be more than 5 pF.
TI manufactures devices that provide ESD protection for HDMI signals such as the TPD12S521. For more
information see the www.ti.com website.
8.9.1.5
PCB Stackup Specifications
Table 8-41 shows the stackup and feature sizes required for HDMI.
Table 8-41. HDMI PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB routing/plane layers
4
6
-
Layers
Signal routing layers
2
3
-
Layers
Number of ground plane cuts allowed within HDMI routing region
-
-
0
Cuts
Number of layers between HDMI routing region and reference ground plane
-
-
0
Layers
PCB trace width
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
Processor device BGA pad size(1)(2)
0.4
mm
(1)
Non-solder mask defined pad.
(2)
Per IPC-7351A BGA pad size guideline.
8.9.1.6
Grounding
Each TMDS channel has its own shield pin which should be grounded to provide a return current path for
the TMDS signal.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
273
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com