| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 103 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 103 Page - Texas Instruments |
|
103 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-20. McASP3 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. McASP3 GP0 MCA[3]_ACLKX/ IPD G6 I/O PINCNTL45 McASP3 Transmit Bit Clock I/O GP0[16] DVDD DSIS: 0 AUD_CLKIN0/ AUD_CLKIN0, MCA[0]_AXR[7]/ IPD MCA[0], USB1 MCA[0]_AHCLKX/ L5 I/O McASP3 Transmit High-Frequency Master Clock I/O DVDD PINCNTL14 MCA[3]_AHCLKX/ DSIS: PIN USB1_DRVVBUS GP0 MCA[3]_AFSX/ IPD H4 I/O PINCNTL46 McASP3 Transmit Frame Sync I/O GP0[17] DVDD DSIS: 0 MCA[1] MCA[3]_AXR[3]/ IPD J6 I/O PINCNTL50 MCA[1]_AXR[9]/ DVDD DSIS: PIN MCA[3]_AXR[2]/ MCA[1], GP0 IPD MCA[1]_AXR[8]/ F2 I/O PINCNTL49 DVDD GP0[20] DSIS: PIN McASP3 Transmit/Receive Data I/Os MCA[3]_AXR[1]/ TIMER5, GP0 IPD TIM5_IO/ G2 I/O PINCNTL48 DVDD GP0[19] DSIS: PIN MCA[3]_AXR[0]/ TIMER4, GP0 IPD TIM4_IO/ G1 I/O PINCNTL47 DVDD GP0[18] DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull before after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 103 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |