Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 48Page - STMicroelectronics SPC56ECxx Datasheet HTML 49Page - STMicroelectronics SPC56ECxx Datasheet HTML 50Page - STMicroelectronics SPC56ECxx Datasheet HTML 51Page - STMicroelectronics SPC56ECxx Datasheet HTML 52Page - STMicroelectronics SPC56ECxx Datasheet HTML 53Page - STMicroelectronics SPC56ECxx Datasheet HTML 54Page - STMicroelectronics SPC56ECxx Datasheet HTML 55Page - STMicroelectronics SPC56ECxx Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
Electrical Characteristics
SPC564Bxx-SPC56ECxx
52/123
DocID17478 Rev 9
3.2.1
NVUSRO [PAD3V5V(0)] field description
Table 7 shows how NVUSRO [PAD3V5V(0)] controls the device configuration for VDD_HV_A
domain.
The DC electrical characteristics are dependent on the PAD3V5V(0,1) bit value.
3.2.2
NVUSRO [PAD3V5V(1)] field description
Table 8 shows how NVUSRO [PAD3V5V(1)] controls the device configuration the device
configuration for VDD_HV_B domain.
The DC electrical characteristics are dependent on the PAD3V5V(0,1) bit value.
3.3
Absolute maximum ratings
Table 7. PAD3V5V(0) field description
Value(1)
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
1.
'1' is delivery value. It is part of shadow flash memory, thus programmable by customer.
Table 8. PAD3V5V(1) field description
Value(1)
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
1.
'1' is delivery value. It is part of shadow flash memory, thus programmable by customer.
Table 9. Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS_HV
S
R
Digital ground on VSS_HV
pins
—0
0
V
VDD_HV_A
S
R
Voltage on VDD_HV_A pins
with respect to ground
(VSS_HV)
—–0.3
6.0
V
VDD_HV_B
(1)
S
R
Voltage on VDD_HV_B pins
with respect to common
ground (VSS_HV)
—–0.3
6.0
V
VSS_LV
S
R
Voltage on VSS_LV (low
voltage digital supply) pins
with respect to ground
(VSS_HV)
—VSS_HV 0.1
VSS_HV 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com