Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 14Page - STMicroelectronics SPC56ECxx Datasheet HTML 15Page - STMicroelectronics SPC56ECxx Datasheet HTML 16Page - STMicroelectronics SPC56ECxx Datasheet HTML 17Page - STMicroelectronics SPC56ECxx Datasheet HTML 18Page - STMicroelectronics SPC56ECxx Datasheet HTML 19Page - STMicroelectronics SPC56ECxx Datasheet HTML 20Page - STMicroelectronics SPC56ECxx Datasheet HTML 21Page - STMicroelectronics SPC56ECxx Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 123 page
background image
Package pinouts and signal descriptions
SPC564Bxx-SPC56ECxx
18/123
DocID17478 Rev 9
2.1
Pad types
In the device the following types of pads are available for system pins and functional port
pins:
S = Slow(a)
M = Medium(a),(b)
F = Fast(a),(b)
I = Input only with analog feature(a)
A = Analog
2.2
System pins
The system pins are listed in Table 4.
a.
See the I/O pad electrical characteristics in the device datasheet for details.
b.
All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium.
For example, Fast/Medium pad will be Medium by default at reset. Similarly, Slow/Medium pad will be Slow by
default. Only exception is PC[1] which is in medium configuration by default (refer to PCR.SRC in the reference
manual, Pad Configuration Registers (PCR0—PCR198)).
Table 4. System pin descriptions
Port pin
Function
I/O
direction
Pad
type
RESET
config.
Pin number
RESET
Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input, weak
pull-up only
after
PHASE2
29
29
K1
EXTAL
Analog input of the oscillator amplifier
circuit. Needs to be grounded if oscillator
bypass mode is used.
IA(1)
—58
74
T8
XTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
I/O
A(1)
—56
72
T7
1.
For analog pads, it is not recommended to enable IBE if APC is enabled to avoid extra current in middle range voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com