Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 59Page - STMicroelectronics SPC56ECxx Datasheet HTML 60Page - STMicroelectronics SPC56ECxx Datasheet HTML 61Page - STMicroelectronics SPC56ECxx Datasheet HTML 62Page - STMicroelectronics SPC56ECxx Datasheet HTML 63Page - STMicroelectronics SPC56ECxx Datasheet HTML 64Page - STMicroelectronics SPC56ECxx Datasheet HTML 65Page - STMicroelectronics SPC56ECxx Datasheet HTML 66Page - STMicroelectronics SPC56ECxx Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 123 page
background image
DocID17478 Rev 9
63/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
3.6.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply is associated
to a VDD/VSS_HV supply pair as described in Table 20.
Table 21 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment
should remain below the IAVGSEG maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O
on a single segment should remain below the IDYNSEG maximum value.
Ttr CC
D
Output transition
time output pin(4)
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
4
ns
CL = 50 pF
—
—
6
CL = 100 pF
—
—
12
CL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
4
CL = 50 pF
—
—
7
CL = 100 pF
—
—
12
1.
VDD = 3.3 V ± 10 % / 5.0 V ± 10 %, TA = 40 to 125 °C, unless otherwise specified.
2.
VDD as mentioned in the table is VDD_HV_A/VDD_HV_B.
3.
All values need to be confirmed during device validation.
4.
CL includes device and package capacitances (CPKG < 5 pF).
Table 19. Output pin transition times (continued)
Symbol
C
Parameter
Conditions(1),(2)
Value(3)
Unit
Min
Typ
Max
Table 20. I/O supplies
Package
I/O Supplies
LBGA256(1)
Equivalent to 208-pin LQFP segment pad distribution + G6, G11, H11, J11
LQFP208
pin6
(VDD_HV_A)
pin7
(VSS_HV)
pin27
(VDD_HV_A)pi
n28 (VSS_HV)
pin73
(VSS_HV)
pin75
(VDD_HV_A)
pin101
(VDD_HV_A)
pin102
(VSS_HV)
pin132
(VSS_HV)
pin133
(VDD_HV_A)
pin147
(VSS_HV)
pin148
(VDD_HV_B)
pin174
(VSS_HV)
pin175
(VDD_HV_A)
—
LQFP176
pin6
(VDD_HV_A)
pin7
(VSS_HV)
pin27
(VDD_HV_A)pi
n28
(VSS_HV)
pin57
(VSS_HV)
pin59
(VDD_HV_A)
pin85
(VDD_HV_A)
pin86
(VSS_HV)
pin123
(VSS_HV)
pin124
(VDD_HV_B)
pin150
(VSS_HV)
pin151
(VDD_HV_A)
——
1.
VDD_HV_B supplies the IO voltage domain for the pins PE[12], PA[11], PA[10], PA[9], PA[8], PA[7], PE[13], PF[14], PF[15],
PG[0], PG[1], PH[3], PH[2], PH[1], PH[0], PG[12], PG[13], and PA[3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com