Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 85Page - STMicroelectronics SPC56ECxx Datasheet HTML 86Page - STMicroelectronics SPC56ECxx Datasheet HTML 87Page - STMicroelectronics SPC56ECxx Datasheet HTML 88Page - STMicroelectronics SPC56ECxx Datasheet HTML 89Page - STMicroelectronics SPC56ECxx Datasheet HTML 90Page - STMicroelectronics SPC56ECxx Datasheet HTML 91Page - STMicroelectronics SPC56ECxx Datasheet HTML 92Page - STMicroelectronics SPC56ECxx Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 123 page
background image
DocID17478 Rev 9
89/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
This relation can again be simplified considering CS as an additional worst condition. In
reality, transient is faster, but the A/D converter circuitry has been designed to be robust
also in very worst case: the sampling time Ts is always much longer than the internal time
constant.
Equation 6
The charge of CP1 and CP2 is redistributed on CS,determining a new value of the voltage
VA1 on the capacitance according to the following equation
Equation 7
A second charge transfer involves also CF (that is typically bigger than the on-chip
capacitance) through the resistance RL: again considering the worst case in which CP2 and
CS were in parallel to CP1 (since the time constant in reality would be faster), the time
constant is:
Equation 8
In this case, the time constant depends on the external circuit: in particular imposing that the
transient is completed well before the end of sampling time TS, a constraints on RL sizing is
obtained:
Equation 9
Of course, RL shall be sized also according to the current limitation constraints, in
combination with RS (source impedance) and RF (filter resistance). Being CF definitively
bigger than CP1, CP2 and CS, then the final voltage VA2 (at the end of the charge transfer
transient) will be much higher than VA1. The following equation must be respected (charge
balance assuming now CS already charged at VA1):
Equation 10
The two transients above are not influenced by the voltage source that, due to the presence
of the RFCF filter, is not able to provide the extra charge to compensate the voltage drop on
CS with respect to the ideal source VA; the time constant RFCF of the filter is very high with
respect to the sampling time (TS). The filter is typically designed to act as anti-aliasing
1
R
SW
R
AD
+

C
S
T
S
«
V
A1
C
S
C
P1
C
P2
++

V
A
C
P1
C
P2
+

=
2
R
L
C
S
C
P1
C
P2
++

8.5
2
8.5
R
L
C
S
C
P1
C
P2
++

=T
S
V
A2
C
S
C
P1
C
P2
C
F
++
+

V
A
C
F
V
A1
+C
P1
C
P2
+C
S
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com