Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 10Page - STMicroelectronics SPC56ECxx Datasheet HTML 11Page - STMicroelectronics SPC56ECxx Datasheet HTML 12Page - STMicroelectronics SPC56ECxx Datasheet HTML 13Page - STMicroelectronics SPC56ECxx Datasheet HTML 14Page - STMicroelectronics SPC56ECxx Datasheet HTML 15Page - STMicroelectronics SPC56ECxx Datasheet HTML 16Page - STMicroelectronics SPC56ECxx Datasheet HTML 17Page - STMicroelectronics SPC56ECxx Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
Introduction
SPC564Bxx-SPC56ECxx
14/123
DocID17478 Rev 9
LinFlexD (Local Interconnect
Network Flexible with DMA
support)
Manages a high number of LIN (Local Interconnect Network protocol)
messages efficiently with a minimum of CPU load
Memory protection unit (MPU)
Provides hardware access control for all memory references generated in a
device
Clock generation module
(MC_CGM)
Provides logic and control required for the generation of system and peripheral
clocks
Power control unit (MC_PCU)
Reduces the overall power consumption by disconnecting parts of the device
from the power supply via a power switching device; device components are
grouped into sections called “power domains” which are controlled by the PCU
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the
device
Mode entry module (MC_ME)
Provides a mechanism for controlling the device operational mode and mode
transition sequences in all functional states; also manages the power control
unit, reset generation module and clock generation module, and holds the
configuration, control and status registers accessible for applications
Non-Maskable Interrupt (NMI)
Handles external events that must produce an immediate response, such as
power down detection
Nexus Development Interface
(NDI)
Provides real-time development capabilities for e200z0h and e200z4d core
processor
Periodic interrupt timer/ Real
Time Interrupt Timer (PIT_RTI)
Produces periodic interrupts and triggers
Real-time counter (RTC/API)
A free running counter used for time keeping applications, the RTC can be
configured to generate an interrupt at a predefined interval independent of the
mode of operation (run mode or low-power mode). Supports autonomous
periodic interrupt (API) function to generate a periodic wakeup request to exit a
low power mode or an interrupt request
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit lite (SIUL)
Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status and configuration
module (SSCM)
Provides system configuration and status data (such as memory size and
status, device mode and security status), device identification data, debug
status port enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AutoSAR and operating
system tasks
Semaphores
Provides the hardware support needed in multi-core systems for sharing
resources and provides a simple mechanism to achieve lock/unlock operations
via a single write access.
Wake Unit (WKPU)
Supports external sources that can generate interrupts or wakeup events, of
which can cause non-maskable interrupt requests or wakeup events.
Table 3. SPC564Bxx and SPC56ECxx series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com