Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 23Page - STMicroelectronics SPC56ECxx Datasheet HTML 24Page - STMicroelectronics SPC56ECxx Datasheet HTML 25Page - STMicroelectronics SPC56ECxx Datasheet HTML 26Page - STMicroelectronics SPC56ECxx Datasheet HTML 27Page - STMicroelectronics SPC56ECxx Datasheet HTML 28Page - STMicroelectronics SPC56ECxx Datasheet HTML 29Page - STMicroelectronics SPC56ECxx Datasheet HTML 30Page - STMicroelectronics SPC56ECxx Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
DocID17478 Rev 9
27/123
SPC564Bxx-SPC56ECxx
Package pinouts and signal descriptions
122
PC[14]
PCR[46]
AF0
AF1
AF2
AF3
ALT4
—
GPIO[46]
E0UC[14]
SCK_2
—
FR_DBG[2]
EIRQ[8]
SIUL
eMIOS_0
DSPI_2
—
Flexray
SIUL
I/O
I/O
I/O
—
O
I
M/S
Tristate
3
3
B2
PC[15]
PCR[47]
AF0
AF1
AF2
AF3
ALT4
GPIO[47]
E0UC[15]
CS0_2
—
FR_DBG[3]
EIRQ[20]
SIUL
eMIOS_0
DSPI_2
—
Flexray
SIUL
I/O
I/O
I/O
—
O
I
M/S
Tristate
4
4
A1
PD[0]
PCR[48]
AF0
AF1
AF2
AF3
—
—
—
GPI[48]
—
—
—
ADC0_P[4]
ADC1_P[4]
WKPU[27]
SIUL
—
—
—
ADC_0
ADC_1
WKPU
I
—
—
—
I
I
I
I
Tristate
77
93
R12
PD[1]
PCR[49]
AF0
AF1
AF2
AF3
—
—
—
GPI[49]
—
—
—
ADC0_P[5]
ADC1_P[5]
WKPU[28]
SIUL
—
—
—
ADC_0
ADC_1
WKPU
I
—
—
—
I
I
I
ITristate
78
94
T13
PD[2]
PCR[50]
AF0
AF1
AF2
AF3
—
—
GPI[50]
—
—
—
ADC0_P[6]
ADC1_P[6]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
ITristate
79
95
N11
Table 5. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com