Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 49Page - STMicroelectronics SPC56ECxx Datasheet HTML 50Page - STMicroelectronics SPC56ECxx Datasheet HTML 51Page - STMicroelectronics SPC56ECxx Datasheet HTML 52Page - STMicroelectronics SPC56ECxx Datasheet HTML 53Page - STMicroelectronics SPC56ECxx Datasheet HTML 54Page - STMicroelectronics SPC56ECxx Datasheet HTML 55Page - STMicroelectronics SPC56ECxx Datasheet HTML 56Page - STMicroelectronics SPC56ECxx Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
DocID17478 Rev 9
53/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
Note:
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN > VDD_HV_A/HV_B or
VIN < VSS_HV), the voltage on pins with respect to ground (VSS_HV) must not exceed the
recommended values.
VRC_CTRL
(2)
Base control voltage for
external BCP68 NPN device
Relative to VDD_LV
0VDD_LV + 1
V
VSS_ADC
S
R
Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC
reference) pin with respect to
ground (VSS_HV)
—VSS_HV 0.1
VSS_HV + 0.1
V
VDD_HV_ADC0
S
R
Voltage on VDD_HV_ADC0
with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_A
(3)
VDD_HV_A 0.3
VDD_HV_A+0.3
VDD_HV_ADC1
(4)
S
R
Voltage on VDD_HV_ADC1
with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_A
2
VDD_HV_A0.3
VDD_HV_A+0.3
VIN
S
R
Voltage on any GPIO pin
with respect to ground
(VSS_HV)
Relative to
VDD_HV_A/HV_B
VDD_HV_A/HV_B
0.3
VDD_HV_A/HV_B+
0.3
V
IINJPAD
S
R
Injected input current on any
pin during overload condition
—–10
10
mA
IINJSUM
S
R
Absolute sum of all injected
input currents during
overload condition
—–50
50
IAVGSEG
(5)
S
R
Sum of all the static I/O
current within a supply
segment
(VDD_HV_A or VDD_HV_B)
VDD = 5.0 V ± 10%,
PAD3V5V = 0
70
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
64
TSTORAGE
S
R
Storage temperature
—
–55(6)
150
°C
1.
VDD_HV_B can be independently controlled from VDD_HV_A. These can ramp up or ramp down in any order. Design is robust
against any supply order.
2.
This voltage is internally generated by the device and no external voltage should be supplied.
3.
Both the relative and the fixed conditions must be met. For instance: If VDD_HV_A is 5.9 V, VDD_HV_ADC0 maximum value is
6.0 V then, despite the relative condition, the max value is VDD_HV_A + 0.3 = 6.2 V.
4.
PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from VDD_HV_B domain hence VDD_HV_ADC1 should be
within ±300 mV of VDD_HV_B when these channels are used for ADC_1.
5.
Any temperature beyond 125 °C should limit the current to 50 mA (max).
6.
This is the storage temperature for the flash memory.
Table 9. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com