Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56ECxx Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 60Page - STMicroelectronics SPC56ECxx Datasheet HTML 61Page - STMicroelectronics SPC56ECxx Datasheet HTML 62Page - STMicroelectronics SPC56ECxx Datasheet HTML 63Page - STMicroelectronics SPC56ECxx Datasheet HTML 64Page - STMicroelectronics SPC56ECxx Datasheet HTML 65Page - STMicroelectronics SPC56ECxx Datasheet HTML 66Page - STMicroelectronics SPC56ECxx Datasheet HTML 67Page - STMicroelectronics SPC56ECxx Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 123 page
background image
Electrical Characteristics
SPC564Bxx-SPC56ECxx
64/123
DocID17478 Rev 9
Table 21. I/O consumption
Symbol
C
Parameter
Conditions(1),(2)
Value(3)
Unit
Min
Typ
Max
ISWTSLW
(4)
C
C
D
Peak I/O current for
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
19.9
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
15.5
ISWTMED
(4)
C
C
D
Peak I/O current for
MEDIUM
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
28.8
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
16.3
ISWTFST
(4)
C
C
D
Peak I/O current for
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
113.5
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
52.1
IRMSSLW
C
C
D
Root mean square
I/O current for
SLOW configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
2.22
mA
CL = 25 pF, 4 MHz
—
—
3.13
CL = 100 pF, 2 MHz
—
—
6.54
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
1.51
CL = 25 pF, 4 MHz
—
—
2.14
CL = 100 pF, 2 MHz
—
—
4.33
IRMSMED
C
C
D
Root mean square
I/O current for
MEDIUM
configuration
CL = 25 pF, 13 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
6.5
mA
CL = 25 pF, 40 MHz
—
—
13.32
CL = 100 pF, 13 MHz
—
—
18.26
CL = 25 pF, 13 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
4.91
CL = 25 pF, 40 MHz
—
—
8.47
CL = 100 pF, 13 MHz
—
—
10.94
IRMSFST
C
C
D
Root mean square
I/O current for FAST
configuration
CL = 25 pF, 40 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
21.05
mA
CL = 25 pF, 64 MHz
—
—
33
CL = 100 pF, 40 MHz
—
—
55.77
CL = 25 pF, 40 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
14
CL = 25 pF, 64 MHz
—
—
20
CL = 100 pF, 40 MHz
—
—
34.89
IAVGSEG
S
R
D
Sum of all the static
I/O current within a
supply segment
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
70
mA
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
65(4)
1.
VDD = 3.3 V ± 10 % / 5.0 V ± 10 %, TA = 40 to 125 °C, unless otherwise specified.
2.
VDD as mentioned in the table is VDD_HV_A/VDD_HV_B.
3.
All values need to be confirmed during device validation.
4.
Stated maximum values represent peak consumption that lasts only a few ns during I/O transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com