Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8519KETTR-R-1 Datasheet HTML 1Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PINOUT DIAGRAMS
Terminal List Table
Pin Number
Name
Function
LP
ET
1
18
COMP
Output of the error amplifier and compensation node. Connect an Rz-Cz-Cp network from this pin to GND
for control loop compensation.
2
19,20,21
PGND
Power ground for internal N-channel MOSFET switching device. Connect to PCB ground plane.
3
22
OVP
Overvoltage protection. Connect external resistor from VOUT to this pin to adjust the overvoltage protection
level.
4
23
VOUT
Connect directly to boost output voltage.
5
25,26
SW
The drain of the internal N-channel MOSFET switching device of the boost converter.
6
27
GATE
Output gate driver pin for external P-channel MOSFET control.
7
28
VSENSE
Connect this pin to the negative sense side of the current sense resistor Rsc. The threshold voltage is
measured as VIN-VSENSE. There is also fixed current sink to allow for trip threshold adjustment.
8
1
VIN
Input power to the IC as well as the positive input used for current sense resistor.
9
3
FAULT
The pin is an open-drain type configuration that will be pulled low when a fault occurs. Connect a 100 kW
resistor between this pin and desired logic level voltage.
10
4
CLKOUT
Logic output representing the switching frequency of internal boost oscillator. This allows other converters to
be synchronized to the same frequency (with the same frequency dithering, if applicable)
11
5
VDD
Output of internal LDO (bias regulator). Connect a 1 μF decoupling capacitor between this pin and GND.
12
6
APWM
Analog trimming option or dimming. Applying a digital PWM signal to this pin adjusts the internal IISET
current.
13
7
PWM
Enables the IC when this pin is pulled high. Also serves to control the LED intensity by using pulse-width
modulation. Typical PWM dimming frequency is in the range of 100 to 400 Hz.
14
8
FSET
Frequency/synchronization pin. A resistor RFSET from this pin to GND sets the switching frequency (with
dithering superimposed). It can also be used to synchronize two or more converters in the system to an
external frequency between 260 kHz and 2.3 MHz (dithering is disabled in this case).
15
9
ISET
Connect RISET resistor between this pin and GND to set the desired LED current setting.
16
10,11
AGND
LED current ground. Connect to PCB ground plane.
17,18,
19,20
13,14,
15,16
LED 1-4
LED current sinks #1 to 4. Connect the cathode of each LED string to associated pin. Unused LED pin must
be terminated to GND through a 3.09 kΩ resistor.
–
2,12,
17,24
NC
No connect. Leave open or connect to GND.
–
–
PAD
Exposed pad of the package providing enhanced thermal dissipation. This pad must be connected to the
ground plane(s) of the PCB with at least 8 vias, directly in the pad.
1
COMP
LED4
2
PGND
LED3
3
OVP
LED2
4
VOUT
LED1
5
SW
AGND
6
GATE
ISET
7
VSENSE
FSET
8
VIN
PWM
9
FAULT
APWM
10
CLKOUT
VDD
PAD
11
12
13
14
15
16
17
18
19
20
2
VIN
3
FAULT
4
CLKOUT
5
VDD
6
APWM
7
PWM
15
LED3
16
LED4
17
NC
NC
18
COMP
19
PGND
20
PGND
21
PGND
1
28-Pin QFN with Exposed Thermal Pad (suffix ET)
20-Pin TSSOP with Exposed Thermal Pad (suffix LP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com