Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 28Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
24
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 38: Output Voltage Ripple Frequency Due to Dithering =
12.4 kHz at VIN = 12 V, and PWM Ratio = 100%
Figure 39: Output Voltage Ripple Amplitude Due to Dithering =
100 mV at VIN = 12 V, and PWM Ratio = 100%
VSW
VOUT
VSW
VOUT
Dithering Feature
To minimize the switching frequency harmonics, a dithering
feature is implemented in A8519. This feature simplifies the input
filters needed to meet the automotive CISPR 25 conducted and
radiated emission limits. The dithering sweep is internally set
at ±5%. The switching frequency will ramp from 0.95 times the
programmed frequency to 1.05 times the programmed frequency.
The rate or modulation at which the frequency sweeps is gov-
erned by an internal 12.5 kHz triangle pattern.
Figure 36: Minimum Dithering Switching Frequency = 2.02 MHz at
VIN = 12 V, and PWM Ratio = 100%
Figure 37: Maximum Dithering Switching Frequency = 2.23 MHz
at VIN = 12 V, and PWM Ratio = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com