Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS [1]: Unless otherwise specified, specifications are valid at VIN = 16 V, TA= 25°C; ● indicates
specifications guaranteed over the full operating temperature range with TA = TJ = -40°C to 125°C; typical specifications are at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
INPUT VOLTAGE
Input Voltage Range [3]
VIN
●
4.5
–
40
V
UVLO Start Threshold
VUVLOrise
VIN rising
●
–
–
4.35
V
UVLO Stop Threshold
VUVLOfall
VIN falling
●
–
–
3.9
V
UVLO Hysteresis
VUVLOHYS
300
450
600
mV
INPUT SUPPLY CURRENT
Input Quiescent Current
IQ
VPWM = VIH, fSW = 2 MHz
●
–
8
15
mA
Input Sleep Supply Current
ISLEEP
VIN = 16 V, VPWM = VSYNC = 0 V
●
–
2.0
10
µA
INPUT LOGIC LEVELS (PWM, APWM)
Input Logic Level Low
VIL
●
–
–
0.4
V
Input Logic Level High
VIH
●
1.5
–
–
V
PWM Input Pull-Down Resistor
REN
VPWM = 5 V
60
100
140
kΩ
APWM Input Pull-Down Resistor
RAPWM
VPWM = VIH
60
100
140
kΩ
APWM
APWM Frequency [2]
fAPWM
●
40
–
1000
kHz
OUTPUT LOGIC LEVELS (CLKOUT)
Output Logic Level Low
VOL
5 V < VIN < 40 V
●
–
–
0.3
V
Output Logic Level High
VOH
5 V < VIN < 40 V
●
1.8
–
–
V
ERROR AMPLIFIER
Source Current
IEA(source)
VCOMP = 1.5 V
–
–600
–
μA
Sink Current
IEA(sink)
VCOMP = 1.5 V
–
+600
–
μA
COMP Pin Pull-Down Resistance
RCOMP
FAULT = 0, VCOMP = 1.5V
–
1.4
–
kΩ
OVERVOLTAGE PROTECTION
OVP Pin Voltage Threshold
VOVP(th)
OVP pin connected to VOUT
●
7
8.3
9.5
V
OVP Pin Sense Current Threshold
IOVP(th)
Current into OVP pin
●
190
200
210
μA
OVP Pin Leakage Current
IOVP(LKG)
VIN = 16 V, PWM = L
●
–
0.1
1
μA
OVP Accuracy
–
–
5
%
Undervoltage Protection Threshold
VUVP(th)
Measured at VOUT pin when ROVP = 160 kW [2]
–
3
–
V
Measured at VOUT pin when ROVP = 0
–
0.55
0.7
V
Secondary Overvoltage Protection
VOVP(sec)
Measured at SW pin
●
42
45
48
V
Continued on the next page…
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing); positive current is defined as going into the node or pin
(sinking).
2
Ensured by design and characterization, not production tested.
3
Minimum VIN = 4.5 V is only required at startup. After startup is completed, IC can continue to operate down to VIN = 3.9 V
4
LED current is trimmed to cancel variations in both Gain and ISET voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com