Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 26 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 26 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 29Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 30Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
26
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 5: Fault Mode Table
Fault Name
Type
Active
Fault
Flag
Set
Description
Boost
Disconnect
Switch
LED
Sink
Drivers
Primary Switch
Overcurrent
Protection (cycle-
by-cycle current
limit)
Auto-
restart
Always
NO
This fault condition is triggered when the SW current
exceeds the cycle-by-cycle current limit, ISW(LIM).The
present SW on-time is truncated immediately to limit the
current. Next switching cycle starts normally.
Off for
a single
cycle
ON
ON
Secondary Switch
Current Limit
Latched
Always
YES
When current through boost switch exceeds secondary
SW current limit (ISW(LIM2)), the device immediately shuts
down the disconnect switch, LED drivers, and boost.
The Fault flag is set. To re-enable the part, the PWM pin
needs to be pulled low for 32,750 clock cycles.
OFF
OFF
OFF
Input Disconnect
Current Limit
Latched
Always
YES
The device is immediately shut off if the voltage
across the input sense resistor is above the
VVSENSE(trip) threshold. To re-enable the device, the
PWM pin must be pulled low for 32,750 clock cycles.
OFF
OFF
OFF
Secondary OVP
Latched
Always
YES
Secondary overvoltage protection is used for open-diode
detection. When diode D1 opens, the SW pin voltage
will increase until VOVP(sec) is reached . This fault latches
the IC. The input disconnect switch is disabled as well
as the LED drivers. To re-enable the part, the PWM pin
needs to be pulled low for 32,750 clock cycles.
OFF
OFF
OFF
LEDx Pin Short
Protection
Auto-
restart
Startup
NO
This fault prevents the part from starting up if any of
the LED pins are shorted. The part stops soft-start from
starting while any of the LED pins are determined to be
shorted. Once the short is removed, soft-start is allowed
to start.
OFF
ON
OFF
LEDx Pin Open
Auto-
restart
Normal
operation
NO
When an LED pin is open, the device will determine
which LED pin is open by increasing the output voltage
until OVP is reached. Any LED string not in regulation
will be turned OFF. The device will then go back to
normal operation by reducing the output voltage to the
appropriate voltage level.
ON
ON
OFF for
open
pins,
ON
for all
others
ISET Short
Protection
Auto-
restart
Always
NO
Fault occurs when the IISET current goes above 150% of
max current. The boost will stop switching and the IC will
disable the LED sinks until the fault is removed. When
the fault is removed, the IC will try to regulate to the
preset LED current.
OFF
ON
OFF
FSET Short
Protection
Auto-
restart
Always
YES
Fault occurs when the FSET current goes above 150%
of max current. The boost will stop switching, Disconnect
switch will turn off, and the IC will disable the LED sinks
until the fault is removed. When the fault is removed, the
IC will try to restart with soft-start.
OFF
OFF
OFF
Overvoltage
Protection
Auto-
restart
Always
NO
Fault occurs when OVP pin exceeds VOVP(th) threshold.
The IC will immediately stop switching to try to reduce
the output voltage. If the output voltage decreases,
then the IC will restart switching to regulate the output
voltage.
STOP
during
OVP event
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com