Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 29Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 30Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 31Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
28
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Design Example
This section provides a method for selecting component values
when designing an application using the A8519.
Assumptions: For the purposes of this example, the following are
given as the application requirements:
•
VIN: 10 to 14 V
•
Quantity of LED channels, #CHANNELS: 4
•
Quantity of series LEDs per channel, #SERIESLEDS: 10
•
LED current per channel, ILED: 60 mA
•
LED Vf at 60 mA: 3.2 V
•
fSW: 2 MHz
•
PWM dimming frequency 200 Hz, 1% duty cycle
Step 1: Connect LED strings to pins LED1, LED2, LED3, and
LED4.
Step 2: Determine the LED current set resistor RISET
R =
ISET
R =
ISET
R = 11.8 k
ISET
= 12 k
(V ×A )
ISET
ISET
(1.017 × 710)
I
LED
0.06 A
An 11.8 kΩ resistor was chosen.
Step 3a: Determining the OVP resistor.
The OVP resistor is connected between the OVP pin and the
output voltage of the converter. The first step is to determine the
maximum voltage based on the LED requirements. The regula-
tion voltage for an LED pin (VLEDx) of the A8519 is 850 mV. A
5 V headroom is added to give margin to the design due to noise
and output voltage ripple.
VOUT(ovp) = #SERIESLEDs × Vf + VLED + 5 V
VOUT(ovp) = 10 × 3.2 V + 0.850 V + 5 V
VOUT(ovp) = 37.85 V
The OVP resistor is:
R=
OVP
(V
– V
)
OUT(ovp)
OVP(th)
I
OVP(th)
Where both IOVP(th) and VOVP(th) values are from the datasheet’s
Electrical Characteristics table.
R=
OVP
R
= 147.75 k
OVP
W
37.85 – 8.3
0.2
Choose a value of resistor that is higher value than the calculated
ROVP. In this case, a value of 158 kΩ was selected. Below is the
actual value of the minimum OVP trip level with the selected
resistor.
VOUT(ovp) = 158 kΩ × 0.2 mA + 8.3 V
VOUT(ovp) = 39.9 V
Step 3b: At this point, a quick check needs to be done to see
if the conversion ratio is adequate for the selected frequency.
Where VD is the boost diode forward voltage, minimum off-time
(tSW(off)) is found in the datasheet:
Theoretical Max V
OUT =
1 – D
MAX(boost)
D
= 1– (85 ns × 2.2 MHz) = 0.813
MAX(boost)
D
= 1– t
× f
MAX(boost)
SW(off)
SW(max)
– V
D
V
IN(min)
VD is the voltage drop of the boost diode.
10 V
Theoretical Max V
OUT =
1 – 0.813 – 0.4 = 53.1 V
Theoretical Max VOUT value needs to greater than the value
VOUT(ovp). If this is not the case, the switching frequency of the
boost converter is going to have to be reduced to meet the maxi-
mum duty cycle requirements.
Step 4: Inductor selection.
The inductor needs to be chosen such that it can handle the neces-
sary input current. In most applications, due to stringent EMI
requirements, the system needs to operate in continues conduc-
tion mode throughout the whole input voltage range.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com