Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The LED current can be adjusted using the following formula:
where VISET is the ISET pin voltage and VDAC is the DAC output
voltage.
When VDAC is equal to 1 V, the output is strictly controlled by
the RISET resistor. When VDAC is higher than 1 V, the LED cur-
rent is reduced. When VDAC is lower that 1 V, the LED current is
increased.
LED String Short Detect
All LEDx pins are capable of handling the maximum VOUT that
the converter can deliver, thus allowing for LEDx pin to VOUT
protection in case of a connector short.
In case some of the LEDs in an LED string are shorted, the volt-
age at the corresponding LEDx pin will increase. Any LEDx pin
that has a voltage exceeding VLEDx(SC) will be removed from
operation. This will prevent the IC from dissipating too much
power by having a large voltage present on an LEDx pin.
I =
ISET
V
ISET
R
ISET
R1
–
V – V
ISET
DAC
Figure 25: Disabling of LED1 String when the LED1 Pin Voltage is
Increased Above 4.6 V
ILED(TOTAL)
VLED1
VPWM
VDAC
R
ISET
ISET
A8519
DAC
or
Voltage Source
AGND
GND
GND
Simplified Diagram of
Voltage LED Current
Control
Figure 23: Typical Application Circuit Using a DAC to Control the
LED Current in the A8519
The ISET current is controlled by the following formula:
where VISET is the ISET pin voltage and VDAC is the DAC output
voltage.
When the DAC voltage is 0 V, the LED current will be at its max-
imum. To keep the internal gain amplifier stable, do not decrease
the current through the RISET resistor to less than 20 µA.
Below is a typical application circuit using a DAC to control the
LED current using a two-resistor configuration. The advantage of
this circuit is that the DAC voltage can be higher or lower, thus
adjusting the LED current to a higher or lower value of the preset
LED current set by the RISET resistor.
I =
ISET
R
ISET
V – V
ISET
DAC
VDAC
R1
R ISET
ISET
A8519
DAC
AGND
GND
GND
Simplified Diagram of
Voltage LED Current
Control
Figure 24: Typical Application Circuit Using a DAC and RISET
Resistor to Control the LED Current in the A8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com