Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
18
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 22: Transition of output current level when a 50% duty
cycle APWM signal is applied to the APWM pin, in conjunction
with 50% duty cycle applied to the PWM pin.
Extending LED Dimming Ratio
The dynamic range of LED brightness can be further extended by
using a combination of PWM duty cycle, APWM duty cycle, and
analog dimming method.
For example, the following approach can be used to achieve a
50,000:1 dimming ratio at 200 Hz PWM frequency:
•
Vary PWM duty cycle from 100% down to 0.02% to give
5,000:1 dimming.
•
With PWM duty cycle at 0.02%, vary APWM duty from 0%
to 90% to reduce LED current down to 10%. This gives a net
effect of 50,000:1 dimming.
Analog Dimming
Besides using APWM signal, the LED current can also be
reduced by using an external DAC or another voltage source.
Connect RISET between the DAC output and the ISET pin. The
limit of this type of dimming is dependant of the range of the
ISET pin. In the case of the A8519, the limit is 20 to 144 µA.
VAPWM
ILED(TOTAL)
VPWM
Figure 20: Transition of Total LED Current from 240 mA to
180 mA, when a 25% APWM signal is applied to the APWM pin.
(Dimming PWM = 100%)
Figure 21: Transition of Total LED Current from 180 mA to
240 mA, when a 25% APWM stops being applied to the APWM
pin. (Dimming PWM = 100%)
VAPWM
ILED(TOTAL)
VPWM
VAPWM
ILED(TOTAL)
VPWM
Applied
Although the APWM dimming function has a wide frequency
range, if used strictly as an analog dimming function, it is recom-
mended to use frequency ranges between 50 and 500 kHz for
best accuracy. The frequency range needs to be considered only
if the user is not using APWM as a closed-loop trim function.
It takes about 1 millisecond to change the actual LED current
due to propagation delay between the APWM signal and the
ILED(TOTAL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com