Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8519KETTR-R-1 Datasheet(PDF) 29 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 29 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 29Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 30Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 31Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 32Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 33Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
29
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Step 4a: Determine the Duty Cycle.
D = 1 –
MAX
(V
+ V )
OUT(ovp)
V
IN(min)
D = 1 –
MAX
(39.9 + 0.4)
10
= 0.75
D
Step 4b: Determine the maximum and minimum input current to
the system. The minimum input current will dictate the inductor
value. The maximum current rating will dictate the current rating
of the inductor.
I
=
IN(max)
V
× I
OUT(ovp)
OUT
V
×
IN(min)
I = #Channels × I
I = 4 × 0.060A = 0.240 A
OUT
OUT
LED
A good approximation of efficiency η can be taken from the
efficiency curves located on page 10. A value of 90% is a good
starting approximation.
I
=
IN(max)
I
=
IN(max)
10 V × 0.90
39.9 V × 240 mA = 1.06 A
I
=
IN(min)
14 V × 0.90
32.85 V × 240 mA = 0.625 A
V = 10 × 3.2 V + 0.85 V = 32.85 V
OUT
V × I
OUT
OUT
V
×
IN(max)
Step 4c: Determining the inductor value. To ensure that the
inductor operates in continuous conduction mode, the value of
the inductor needs to be set such that the ½ inductor ripple cur-
rent is not greater than the average minimum input current. A
first pass calculation for Kripple should be 30% of the maximum
inductor current.
I = I
× K
L
IN(max)
ripple
I = 1.06A × 0.3 = 0.318 A
L
L = 0.318 A × 2 MHz
10 V
× 0.75 = 11.79 µH
L =
I × f )
L
SW
(V
× D )
IN(min)
MAX
Double-check to make sure that ½ current ripple is less than
IIN(min).
IIN(min) > ½ DIL
0.625 A > 0.159 A
A good inductor value to use would be 10 µH.
Step 4d: This step is used to verify that there is sufficient slope
compensation for the inductor chosen. 6 A/µs slope compensation
value is applied inside the IC at 2 MHz switching frequency. The
slope compensation at any switching frequency can be deter-
mined by the following formula:
Slope Comp =
6 A/µs × f
SW
2 × 10 6
Next, insert the inductor value used in the design:
ΔI
=
L(used)
V
× D
IN(min)
MAX
L(used) × f
SW
ΔI
=
L(used)
= 0.375 A
10 V × 0.75
10 µH × 2 MHz
Required Min Slope =
ΔI
× ΔS × 10
L(used)
-6
1
f
SW
× (1 – D )
MAX
where ΔS is taken from the following formula:
ΔS = 1 – 0.18
D
MAX
ΔS = 0.76
= 2.28 A/µs
Required Min Slope =
0.375 × 0.76× 10 -6
1
2 MHz × (1– 0.75)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com