Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 157Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 158Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 159Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 160Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 161Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 162Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 163Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 164Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 161 of 190
Aug 24, 2016
RX65N Group, RX651 Group
5. Electrical Characteristics
Figure 5.54
RIIC Bus Interface Input/Output Timing and Simple IIC Bus Interface Input/Output
Timing
SDA0, SDA2
SCL0, SCL2
VIH
VIL
tSTAH
tSCLH
tSCLL
P*
1
S*
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*
1
tBUF
Test conditions
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL  0.6 V, OL = 6 mA (ICFER.FMPE = 0)
VOL  0.4 V, OL = 15 mA (ICFER.FMPE = 1)
Sr*
1
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com