Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 35 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 31Page - Motorola, Inc MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc MPC7450EC Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
35
Package Description
1.8.2
Mechanical Dimensions for the MPC7450, 483 CBGA
Figure 19 provides the mechanical dimensions and bottom surface nomenclature for the MPC7450, 483
CBGA package.
Figure 19. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7450, 483 CBGA
0.2
2X
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE. A1 CORNER
IS DESIGNATED WITH A BALL
MISSING FROM THE ARRAY.
D
A1 CORNER
E
e
0.2
2X
C
B
1 23456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
A1
A2
A
0.2 A
171819
U
W
V
Millimeters
DIM
MIN
MAX
A
--
3.22
A1
0.80
1.00
A2
1.08
1.32
A3
--
0.60
b
0.82
0.93
D
29.00 BSC
D1
—
11.6
D2
8.94
—
D3
—
6.9
e
1.27 BSC
E
29.00 BSC
E1
—
11.6
E2
8.94
—
E3
—
6.9
C
A
483X
B
0.3
A
0.15
b
2021 22
Y
AA
AB
Capacitor Region
D1
D3
E1
E3
D2
E2
A3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com