Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc MPC7450EC Datasheet HTML 21Page - Motorola, Inc MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc MPC7450EC Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
The L3_CLK timing diagram is shown in Figure 7.
.
Figure 7. L3_CLK_OUT Output Timing Diagram
1.5.2.4
L3 Bus AC Specifications
The MPC7450 L3 interface supports three different types of SRAM: source-synchronous, double data rate
(DDR) MSUG2 SRAM, Late Write SRAMs, and pipeline burst (PB2) SRAMs. Each requires a different
protocol on the L3 interface and a different routing of the L3 clock signals. The type of SRAM is
programmed in L3CR[22:23] and the MPC7450 then follows the appropriate protocol for that type. The
designer must connect and route the L3 signals appropriately for each type of SRAM. Following are some
observations about the chip-to-SRAM interface.
•
The routing for the point-to-point signals (L3_CLK[0:1], L3DATA[0:63], L3DP[0:7], and
L3_ECHO_CLK[0:3]) to a particular SRAM must be delay matched.
•
For a 1-Mbyte L3, use address bits 0:16 (bit 0 is LSB).
•
No pull-up resistors are required for the L3 interface.
•
For high speed operations, L3 interface address and control signals should be a “T” with minimal
stubs to the two loads; data and clock signals should be point-to-point to their single load. Figure 8
shows the AC test load for the L3 interface.
Figure 8. AC Test Load for the L3 Interface
In general, if routing is short, delay-matched, and designed for incident wave reception and minimal
reflection, there is a high probability that the AC timing of the MPC7450 L3 interface will meet the
maximum frequency operation of appropriately chosen SRAMs. This is despite the pessimistic,
guard-banded AC specifications (see Table 12, Table 13, and Table 14), the limitations of functional testers
described in Section 1.5.2.3, “L3 Clock AC Specifications,” and the uncertainty of clocks and signals which
inevitably make worst-case critical path timing analysis pessimistic.
L3_CLK0
VM
tL3CR
tL3CF
VM
VM
VM
L3_CLK1
VM
VM
tL3_CLK
tCHCL
VM
tL3CSKW1
L3_ECHO_CLK1
L3_ECHO_CLK3
VM
VM
VM
VM
tL3CSKW2
VM
VM
VM
VM
tL3CSKW2
For PB2 or Late Write:
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com