Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 25 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 21Page - Motorola, Inc MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc MPC7450EC Datasheet HTML 24Page - Motorola, Inc MPC7450EC Datasheet HTML 25Page - Motorola, Inc MPC7450EC Datasheet HTML 26Page - Motorola, Inc MPC7450EC Datasheet HTML 27Page - Motorola, Inc MPC7450EC Datasheet HTML 28Page - Motorola, Inc MPC7450EC Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
25
Electrical and Thermal Characteristics
Table 13. L3 Bus Interface AC Timing Specifications for PB2 and Late Write SRAMs
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L3_CLK rise and fall time
tL3CR and tL3CF
—
1.0
ns
1, 5
Setup times:Data and parity
tL3DVEH
1.5
—
ns
2, 5
Input hold times:Data and parity
tL3DXEH
—
0.5
ns
2, 5
Valid times:Data and parity
All other outputs
tL3CHDV
tL3CHOV
—
—
tL3_CLK/4 + 1.0
tL3_CLK/4 + 1.0
ns
3, 4, 5
4
Output hold times:Data and parity
All other outputs
tL3CHDX
tL3CHOX
tL3_CLK/4 + 0.5
tL3_CLK/4 + 0.5
—
—
ns
3, 4, 5
4, 5
L3_CLK to high impedance:Data and parity
All other outputs
tL3CHDZ
tL3CHOZ
—
—
2.0
2.0
ns
5
5
Notes:
1. Rise and fall times for the L3_CLK output are measured from 20% to 80% of GVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising
edge of the input L3_ECHO_CLKn (see Figure 10). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L3_CLKn to the midpoint of
the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive
50-
Ω load (see Figure 10).
4. tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the specified output signal is actually
launched by an internal clock delayed in phase by 90°. Therefore, there is a frequency component to the output
valid and output hold times such that the specified output signal will be valid for approximately one L3_CLK period
starting three-fourths of a clock prior to the edge on which the SRAM will sample it and ending one-fourth of a clock
period after the edge it will be sampled.
5. Timing behavior and characterization are currently being evaluated.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com