Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 19 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 15Page - Motorola, Inc MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc MPC7450EC Datasheet HTML 21Page - Motorola, Inc MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
19
Electrical and Thermal Characteristics
1.5.2.3
L3 Clock AC Specifications
The L3_CLK frequency is programmed by the L3 configuration register (L3CR[6:8]) core-to-L3 divisor
ratio. See Table 17 for example core and L3 frequencies at various divisors. Table 10 provides the potential
range of L3_CLK output AC timing specifications as defined in Figure 7.
The maximum L3_CLK frequency is the core frequency divided by two. However, very few SRAM designs
will be able to operate in this mode and most designs will select a greater core-to-L3 divisor to provide a
longer L3_CLK period for read and write access to the L3 SRAMs. Therefore, the maximum L3_CLK
frequency shown in Table 10 is considered to be the practical maximum in a typical system. The maximum
L3_CLK frequency for any application of the MPC7450 will be a function of the AC timings of the
MPC7450, the AC timings for the SRAM, bus loading, and printed circuit board trace length.
Motorola is similarly limited by system constraints and cannot perform tests of the L3 interface on a
socketed part on a functional tester at the maximum frequencies of Table 10. Therefore, functional operation
and AC timing information are tested at core-to-L3 divisors which result in L3 frequencies at 200 MHz or
less.
Notes:
1. The maximum L3 clock frequency will be system dependent. See Section 1.5.2.3, “L3 Clock AC Specifications” for
an explanation that this maximum frequency is not functionally tested at speed by Motorola.
2. The nominal duty cycle of the L3 output clocks is 50% measured at midpoint voltage.
3. Maximum possible skew between L3_CLK0 and L3_CLK1. This parameter is critical to the address and control
signals which are common to both SRAM chips in the L3.
4. Maximum possible skew between L3_CLK0 and L3_ECHO_CLK1 or between L3_CLK1 and L3_ECHO_CLK3 for
PB2 or Late Write SRAM. This parameter is critical to the write data signals which are separately latched onto each
SRAM part by these pairs of signals.
5. Guaranteed by design and not tested. The input jitter on SYSCLK affects L3 output clocks and the L3 address/data/
control signals equally and, therefore, is already comprehended in the AC timing and does not have to be
considered in the L3 timing analysis. The clock-to-clock jitter shown here is uncertainty in the internal clock period
caused by supply voltage noise or thermal effects. This must be accounted for, along with clock skew, in any L3
timing analysis.
Table 10. L3_CLK Output AC Timing Specifications
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L3 clock frequency
fL3_CLK
75
266
MHz
1
L3 clock cycle time
tL3_CLK
3.75
13.3
ns
L3 clock duty cycle
tCHCL/tL3_CLK
50
%
2
L3 clock output-to-output skew (L1_CLK0 to L1_CLK1)
tL3CSKW1
—
200
ps
3
L3 clock output-to-output skew (L1_CLK[0:1] to
L1_ECHO_CLK[1:3])
tL3CSKW2
—
100
ps
4
L3 clock jitter
—
±50
ps
5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com