Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 37 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc MPC7450EC Datasheet HTML 39Page - Motorola, Inc MPC7450EC Datasheet HTML 40Page - Motorola, Inc MPC7450EC Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
37
System Design Information
The MPC7450 generates the clock for the external L3 synchronous data SRAMs by dividing the core clock
frequency of the MPC7450. The core-to-L3 frequency divisor for the L3 PLL is selected through the
L3_CLK bits of the L3CR register. Generally, the divisor must be chosen according to the frequency
supported by the external RAMs, the frequency of the MPC7450 core, and timing analysis of the circuit
board routing. Table 17 shows various example L3 clock frequencies that can be obtained for a given set of
core frequencies.
1
0111
9x
2x
300
(600)
450
(900)
600
(1200)
675
(1350)
747
(1494)
1
1010
10x
2x
333
(666)
500
(1000)
667
(1333)
750
(1500)
1
1001
11x
2x
366
(733)
550
(1100)
733
(1466)
1
1011
12x
2x
400
(800
600
(1200)
1
0101
13x
2x
433
(866)
650
(1300)
1
1100
14x
2x
466
(933)
700
(1400)
1
0001
15x
2x
500
(1000)
750
(1500)
1
1101
16x
2x
533
(1066)
0
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly
0
1111
PLL off
PLL off, no core clocking occurs
Notes:
1.
PLL_CFG[0:3] settings not listed are reserved.
2.
The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core,
or VCO frequencies which are not useful, not supported, or not tested for by the MPC7450; see Section 1.5.2.1,
“Clock AC Specifications,” for valid SYSCLK, core, and VCO frequencies.
3.
In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly and the PLL is disabled.
However, the bus interface unit requires a 2x clock to function. Therefore, an additional signal, EXT_QUAL, must
be driven at one-half the frequency of SYSCLK and offset in phase to meet the required input setup tIVKH and hold
time tIXKH (see Table 9). The result will be that the processor bus frequency will be one-half SYSCLK while the
internal processor is clocked at SYSCLK frequency. This mode is intended for factory use and emulator tool use
only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4.
In PLL-off mode, no clocking occurs inside the MPC7450 regardless of the SYSCLK input.
Table 17. Sample Core-to-L3 Frequencies
Core Frequency (MHz)
÷2
÷2.5
÷3
÷3.5
÷4
÷5
÷6
500
250
200
167
143
125
100
83
533
266
213
178
152
133
107
89
Table 16. MPC7450 Microprocessor PLL Configuration Example for 600 MHz Parts (continued)
PLL_EXT
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83 MHz
Bus
100 MHz
Bus
133 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com